Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 46 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 42Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 43Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 44Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 45Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 46Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 47Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 48Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 49Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056053
SW3
LDO1
SW2
SW1
GPOx
RSTB
INTB
RUN
mode
PWRDN sequence
from RUN to STBY
STBY
mode
PWRDN_I
PWRUP_I
PWRUP sequence
from STBY to RUN
RUN
mode
Figure 14. RUN and STANDBY transitions
12.5.1 RUN to STANDBY transition
When transitioning from RUN to STANDBY, the power-down sequencer is started if any of the system regulators
in the power-up sequence needs to be turned off in the STANDBY State.
Regulators with the bits _SEQ[7:0] = 0x00 and whose STANDBY configuration is different from the RUN
configuration will change to the corresponding STANDBY mode first, followed by the regulators / GPIOs with a
power-down slot assigned in the _SEQ[7:0] bits.
If system regulators are not turned off during this transition, the power-down sequence for such regulators is
ignored and the voltage transition happens at the beginning of the power-down sequence.
The PWRDN_I interrupt is set at the end of the transition from RUN to STANDBY when the Power-down
sequence is finished.
Note that any associated dynamic voltage scaling (DVS) transitions on the switching regulators will be
considered within the power-down sequence, and the PWRDN_I interrupt will be asserted only after all the
switching regulators have finished their DVS cycle during the transition. However, because the LDO regulators
are discharged passively through the internal pulldown resistor, the changes in the LDO regulators are
considered finished right after the new configuration is applied, without taking into consideration the discharge
time due to the external capacitor.
12.5.2 STANDBY to RUN transition
When transitioning from the STANDBY state to the RUN state, the time-based Power-up sequence is followed
by any of the system regulators set up to enabled during the transition from STANDBY to RUN.
If none of the regulators toggle from OFF to ON, and only voltage changes are being performed when exiting
the STANDBY state, the changes in the system regulators are made simultaneously rather than going through
the power-up sequencer.
During the transition from STANDBY to RUN, for regulators with the bits _SEQ[7:0] = 0x00 and whose RUN
configuration is set to OFF, the regulator will be disabled first, before the power-up sequencer is started.
The PWRUP_I interrupt is set when the device has finished transitioning from STANDBY to RUN.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
46 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com