Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 57 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 53Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 54Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 55Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 56Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 57Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 58Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 59Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 60Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056062
RSTB
PGOOD
(optional)
REG4_PG
REG4
REG3_PG
REG3
REG2_PG
REG2
REG1_PG
REG1
2 ms (max)
recovery
Reg power down
SEQ SLOT 1 SEQ SLOT 2 SEQ SLOT 3
PWRUP fail
PG’s NOK
POWER-UP FAILURE WITH PERSISTENT FAULT CONDITION
Figure 17. Power-up failure with persistent fault condition
After the RSTB is released, an OV/UV or ILIM condition will trigger a fault detection and protection mechanism
as described in section Section 12.6.2.
If a regulator fault occurs after RSTB is released but before the Power-up sequence is finalized, the Power-up
sequence will continue to power up if the fault condition is not enough to start a hard fault, based on the fault
management rules during the SYSTEM ON states.
During the Power-up sequence, the PGOOD pin will be used as an external indicator of an OV/UV failure when
the RSTB is ready to be de-asserted, since the PG_EN bits for all regulators are reset to 1 at power up.
When the OTP_PWRUP_CHK = 1, the RSTB must be set to release at a later slot than any of the voltage
regulators needed by the system before going out of the reset condition. This will allow sufficient time for all
regulators to reach their corresponding regulation point during the power-up sequence and avoid false fault
conditions due to the regulators ramping up too slowly.
When the RSTB pin is intended to be released before all of the switching and LDO regulators, the
OTP_PWRUP_CHK bit should always be set to 0, to prevent the system from generating a power-up failure
event.
When OTP_PWRUP_CHK = 1, if any IO is used as a GPOx, it may be released at any time in the Power-up
sequence, as long as the RSTB does not try to release before there is an actual regulator enabled to check for
a power good condition (system-level configuration).
12.6.5 Fault monitoring during dynamic power up
When operating in dynamic power-up, the PF09 will start monitoring for OV and UV conditions as soon as
the regulator is enabled. If an OV/UV condition is detected while the Power-up sequence is in progress, such
condition will be used as a gating factor to prevent the regulator on the next hierarchical level from turning on
until all regulators enabled previously are in regulation.
When regulators in the next hierarchical level are enabled, the settling timer is restarted to allow the new
regulators to ramp up and reach regulation.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
57 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com