Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 49 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 45Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 46Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 47Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 48Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 49Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 50Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 51Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 52Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
12.6.2.1 Output state control
Switching regulators and LDOs supplied by the PF09 are provided with an _OV_STATE bit to select whether the
regulator is kept enabled or disabled when the corresponding regulator experiences an OV condition.
SWx_OV_STATE, LDOx_OV_STATE
Regulator reaction on OV
0
Output disabled
1
Output enabled
Table 43. Regulation reaction on OV condition
Switching regulators and LDOs supplied by the PF09,are provided with an _UV_STATE bit to select whether the
regulator is kept enabled or disabled when the corresponding regulator experience an UV condition.
SWx_UV_STATE LDOx_UV_STATE
Regulator reaction on UV
0
Output disabled
1
Output enabled
Table 44. Regulation reaction on UV condition
By default the _OV_STATE and _UV_STATE bits are set to 1, and the MCU is expected to configure the
reaction of each specific supply during the system configuration sequence, during the booting stage.
The table below lists all the functional bits associated with enabling/disabling the voltage regulators when they
experience an OV/UV condition.
Regulator
Bit to disable the regulator during undervoltage
Bit to disable the regulator
during overvoltage
SW1
SW1_UV_STATE
SW1_OV_STATE
SW2
SW2_UV_STATE
SW2_OV_STATE
SW3
SW3_UV_STATE
SW3_OV_STATE
SW4
SW4_UV_STATE
SW4_OV_STATE
SW5
SW5_UV_STATE
SW5_OV_STATE
LDO1
LDO1_UV_STATE
LDO1_OV_STATE
LDO2
LDO2_UV_STATE
LDO2_OV_STATE
LDO3
LDO3_UV_STATE
LDO3_OV_STATE
VAON
VAON_UV_STATE[1]
VAON_OV_STATE[1]
Table 45. Bits used to disable regulator during UV or OV
[1]
The _STATE bits for the VAON are only applicable when the VAON is working as a system regulator. (not valid in Always-on mode)
When a regulator is programmed to be disabled upon an OV or UV, a _FLT_REN bit is provided to decide
whether a regulator can return to its previous configuration or remain disabled after it has been disabled due to
an OV or UV condition.
SWx_FLT_REN LDOx_FLT_REN
Output re-enable
0
Output remains disabled
1
Output enabled
Table 46. Output re-enable
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
49 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com