Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 67 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 63Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 64Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 65Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 66Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 67Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 68Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 69Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 70Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
All parameters are specified at TA = -40 to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V and
TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
IOL_FS0B
FS0B output low current
–
–
10
mA
XFAILB
VIN_MAX_XFAILB
Maximum input voltage
–
–
5.5
V
VIH_XFAILB
XFAILB input high voltage
• Minimum voltage to ensure a high state
1.4
–
–
V
VIL_XFAILB
XFAILB input low voltage
• Maximum voltage to ensure a low state
–
–
0.4
V
IHYS_XFAILB
XFAILB input buffer hysteresis
100
–
–
mV
VOL_XFAILB
XFAILB output low voltage
• Maximum voltage at 10 mA load
–
–
0.4
V
IOL_XFAILB
XFAILB output low current
–
–
10
mA
RXPU_XFAILB
XFAILB external pullup
• Pullup to VANA
–
10
–
kΩ
CXFAILB
XFAIL recommended decoupling EMC capacitance
–
100
–
nF
I2C interface
VOL_SDA
SDA output low voltage
• Maximum voltage at 20 mA load
–
–
0.4
V
VIH_SDA
SDA input high voltage
• Minimum voltage to ensure a high state
0.7*VDDIO
–
–
V
VIL_SDA
SDA input low voltage
• Maximum voltage to ensure a low state
–
–
0.3*VDDIO
V
VIH_SCL
SCL input high voltage
• Minimum voltage to ensure a high state
0.7*VDDIO
–
–
V
VIL_SCL
SCL input low voltage
• Maximum voltage to ensure a low state
–
–
0.3*VDDIO
V
FI2C_FMP
I2C operating frequency
• Fast-mode plus
–
–
1
MHz
FI2C_HS
I2C operating frequency
• High speed
–
–
3.4
MHz
RXPU_SCL_FMP
SCL external pullup Fast mode plus
• Pullup to VDDIO
• I2C Fast mode
–
2.2
–
kΩ
RXPU_SDA_FMP
SDA external pullup Fast mode plus
• Pullup to VDDIO
• I2C Fast mode
–
2.2
–
kΩ
Table 63. Electrical characteristics...continued
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
67 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com