Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 5Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 6Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 7Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 9Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 10Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 11Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 12Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
7 Functional block diagram
PF09 Functional block diagram
LDO1
(Load switch)
(0.75 V to 3.3 V, 500 mA)
aaa-056044
LDO2
(Load switch)
(0.65 V to 3.3 V, 200 mA)
LDO3
(Load switch)
(0.65 V to 3.3 V, 200 mA)
VAON
(Always-on supply)
(1.8 V to 3.3 V, 10 mA)
AMUX
(Diagnostics)
Clock management
SW1
(LVBUCK)
(0.5 V to 3.3 V, 3.5 A)
SW2
(MPH_LVBUCK)
(0.3 V to 3.3 V, 2.5 A)
SW3
(MPH_LVBUCK)
(0.3 V to 3.3 V, 2.5 A)
SW4
(MPH_LVBUCK)
(0.3 V to 3.3 V, 2.5 A)
Logic and control
High speed I2C
MCU interface
Regulator control
Fault detection
ASIL D, SIL 2
Safety monitoring
Voltage monitoring
System monitoring
WD management
System self-test
ABIST/LBIST
FCCU monitoring
Safety output
Digital supervisor
SW5
(MPH_LVBUCK)
(0.3 V to 3.3 V, 2.5 A)
MTP
(Flexible configuration)
Figure 3. Functional block diagram
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
9 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com