Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 14 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 10Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 11Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 12Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 13Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 14Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 15Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 16Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 17Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
10 General product description
10.1 Features
• Up To five buck regulators with internal power stage
– SW1 single-phase operation, 0.5 V to 3.3 V @ 3.5 A with up to 1.5 % DC accuracy
– SW2 multi-phase operation, 0.3 V to 3.3 V @ 2.5 A with up to 1.5 % DC accuracy
– SW3 multi-phase operation, 0.3 V to 3.3 V @ 2.5 A with up to 1.5 % DC accuracy
– SW4 multi-phase operation, 0.3 V to 3.3 V @ 2.5 A with up to 1.5 % DC accuracy
– SW5 multi-phase operation, 0.3 V to 3.3 V @ 2.5 A with up to 1.5 % DC accuracy
– Programmable current limit
• Three low-dropout linear regulators.
– LDO1: LDO/load switch with output voltage from 0.75 V to 3.3 V @ 500 mA.
– LDO2 and LDO3: low-power LDO/load switch with output voltage from 0.65 V to 3.3 V @ 200 mA
• Ultra-low power always-on LDO supply
– Configurable output voltage: 1.8 V, 3.0 V or 3.3 V with up to 2 % DC accuracy
• Two external voltage monitoring inputs
– Dynamic monitoring voltage selection
– Selectable monitoring threshold with up to 1% monitoring accuracy
• Programmable I/O interface
• Advanced frequency management with frequency spread spectrum
• Multi-channel analog multiplexer for system voltage monitoring
• High-speed I2C interface with up to 3.4 MHz operation
• Advanced thermal monitoring and thermal shutdown protection
• Functional safety architecture to target up to ASIL D automotive applications
• Functional safety architecture to target up to SIL 2 industrial applications
• Multiple-time programmable (MTP) configuration
• 56-pin QFN package with exposed pad
• Automotive qualified by AEC-Q100 rev J up to Grade 1
10.2 Power tree summary
Regulator
Type
Input Supply
Output Range
Rated Current
SW1
Single-phase buck regulator
3.3 V to 5.5 V[1]
0.5 V to 3.3 V
3.5 A DC current
SW2
Multi-phase buck regulator
3.3 V to 5.5 V[1]
0.3 V to 3.3 V
2.5 A DC current
SW3
Multi-phase buck regulator
3.3 V to 5.5 V[1]
0.3 V to 3.3 V
2.5 A DC current
SW4
Multi-phase buck regulator
3.3 V to 5.5 V[1]
0.3 V to 3.3 V
2.5 A DC current
SW5
Multi-phase buck regulator
3.3 V to 5.5 V[1]
0.3 V to 3.3 V
2.5 A DC current
LDO1
LDO with load switch
1.8 V to 5.5 V
0.75 V to 3.3 V
500 mA
LDO2
LDO with load switch
1.8 V to 5.5 V
0.65 V to 3.3 V
200 mA
LDO3
LDO with load switch
1.8 V to 5.5 V
0.65 V to 3.3 V
200 mA
VAON
Always-on low-power LDO
2.7 V to 5.5 V
1.8 V, 3.0 V, 3.3 V
10 mA
Table 5. PF09 voltage regulator summary.
[1]
Input supply for switching regulators must be capable to sink current to avoid overvoltage condition during the power-down sequence of the device.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
14 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com