Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 38 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 34Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 35Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 36Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 37Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 38Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 39Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 40Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 41Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The OTP_SEQ_TSET[1:0] bits are provided to set the settling timer, to allow regulators to reach regulation after
they have been enabled.
OTP_SEQ_TSET[1:0]
Dynamic sequence settling time
00
500 µs
01
1000 µs
10
2000 µs
11
4000 µs
Table 32. Dynamic sequence settling time
When regulators and GPIO in the same hierarchical level are enabled, the settling timer is started, and the
voltage regulators will be monitored for OV and UV during and after their turn-on ramp.
If any of the regulators in the current hierarchical level is not able to reach regulation before the settling timer
is expired, the device will detect a power-up failure and start a power-down event right away. See section
Section 12.6.5 for more details.
When all regulators in the same or previous hierarchical level are in regulation, the sequencer will proceed to
the next hierarchical level and restart the settling timer for the following hierarchical level.
When a GPIO is configured as general purpose output (GPO) and enabled in the Power-up sequence, the
device will release the pin in the corresponding hierarchical level and it will start sensing the actual state of the
pin to ensure it has been released properly. If the GPIOx pin is not released properly for longer than the settling
time, the device will detect a power-up failure and start a power-down event right away.
When a VMONx is enabled in the Power-up sequence, the monitor is expected to see the external supply
applied to the pin and in regulation within the settling timer. If the external voltage applied to the VMONx is not
able to reach regulation when the settling timer expires, the device will detect a power-up failure and start a
power-down event right away.
When RSTB is not programmed in a slot in the Power-up sequence, the RSTB is released as soon as the last
regulator in the sequence reaches regulation.
When RSTB is programmed in a slot in the Power-up sequence, the device will release the RSTB in the
corresponding hierarchical level, and it will start sensing the state of the pin to ensure it has been released
properly. In such a scenario, even though the RSTB signal has already been released, the PMIC will not enter
the RUN state until the last regulator has reached regulation properly.
When the device enters the RUN state, it will assert the PWRUP_I interrupt and assert the INTB pin to inform
the MCU that it has finished the Power-up sequence properly.
The device will start monitoring system-on fault conditions only after the dynamic Power-up sequence is
finished. At this point PGOOD can be released, if all regulators in the sequence are within regulation.
12.4 Power down
12.4.1 Turn-off events
Turn-off events may be requested by the MCU (non-PMIC fault related) or may be due to a critical failure of the
PMIC (hard fault condition).
12.4.1.1 Non-PMIC failure turn-off events
When OTP_PWRON_MODE = 0, the device will start a power-down event when the PWRON pin is pulled low.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
38 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com