Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 43 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 43 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 39Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 40Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 41Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 42Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 43Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 44Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 45Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 46Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 47Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
aaa-056051
0
RESET_CNT
RESET EVENT
1
RESET EVENT
2
RESET EVENT
3
RESET EVENT
4
RESET EVENT
5
n = RESET_MAX
RESET_CNT reset
on LPOFF
RESET_CNT reset
by MCU
Fail-safe
TRANSITION
RESET EVENT
Figure 12. Reset counter strategy.
The device can bypass the cyclic reset failure by setting the RESET_MAX[3:0] = 0x00. In this scenario, the
PMIC will be able to keep generating reset events, however, the device will never be able to proceed to a fault
shutdown.
If the cyclic reset failure is bypassed, the RESET_CNT[3:0] value will still be increased for every reset event
until it reaches the maximum count (0b1111), and it will keep that value until the counter is reset manually or
when the device crosses into the LPOFF state.
12.4.3 Early warning
When a power down is initiated due to a fault condition, an EWARN_I interrupt will be set, and the INTB pin will
be asserted before it starts the Power-down sequence.
The following fault modes will generate an EWARN interrupt:
• Fault timer expired
• FAULT_CNT = FAULT_MAX_CNT
• Thermal shutdown (TJ > TSD)
• A hard reset event
• A VIN_OV event when VIN_OV_SDWN=1
• A turn-off event due to RSTB being asserted externally
The OTP_EWARN_TIME[1:0] allows the user to select a time delay from when the EWARN interrupt is
generated and the power-down sequence is started.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
43 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com