Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 62 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 62 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 58Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 59Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 60Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 61Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 62Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 63Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 64Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 65Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 66Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
I/O pin
Sense bit
GPIO4
GPIO4_S
FCCU0
FCCU0_S
FCCU1
FCCU1_S
Table 61. I/O pin sense bits...continued
12.7.3 System test commands
The SYS_CMD[7:0] bit field is provided to request various system tests or commands.
SYS_CMD[7:0]
System command
0xA5
Software turn-off request
0x3E
Software reset request
0x55
ABIST on demand request
0x4A
LBIST on demand request
0x9C
RSTB pulse request
0x75
INTB pulse request
0xB3
XRESET to FCCU request
0xBA
FCCU to XRESET request
0x2C
STANDBY request
All other codes[1]
Invalid command
Table 62. SYS_CMD[7:0] bit field
[1]
An Invalid command in the SYS_CMD[7:0] bits will be ignored, and the BAD_CMD_I interrupt will be generated. The BAD_CMD_I interrupt will assert the
INTB pin if the interrupt is not masked.
12.8 I/O interface pins
The PF09 PMIC is fully programmable via the I2C interface, however additional interfacing between
MCU, PF09, and other companion PMICs is provided by direct logic interfacing pins.
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
62 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com