Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 72 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 72 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 68Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 69Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 70Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 71Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 72Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 73Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 74Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 75Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 76Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
The RSTB_S2H flag is provided to sense a real time short-to-high condition in the RSTB pin. When the RSTB
pin is being driven low internally, and the RSTB_S is sensing a high state, the RSTB_S2H flag is set HIGH until
this condition is removed.
The RSTB_S2L flag is provided to sense a real-time short-to-low condition in the RSTB pin. When the RSTB
pin is released high internally, and the RSTB_S is sensing a low state, the RSTB_S2L flag is set HIGH until
condition is removed.
The system can request a self-reset pulse via the SYS_CMD bits. When SYS_CMD = 0x9C, the RSTB pin will
assert for 100 μs and then de-assert to its normal state.
When the RSTB pin is directed to assert by the MCU, the PF09 will monitor the pin during the 100 μs assertion
time to ensure the pin is able to go low. If the pin is not able to go low, the device detects a short-to high-event
and asserts the RSTB_FLT_I flag.
12.8.6 PGOOD
PGOOD is a dedicated open-drain output used as a power good (PG) indicator. In the application, PGOOD can
be pulled up to VDDIO (1.8 V or 3.3 V) with a 10 kΩ to 100 kΩ external resistor.
The PF09 implements an individual power good monitor for every regulator and voltage monitor available in the
device. Each PG monitor reports its status via I2C registers.
The status of the PGOOD pin is a logic AND function of the internal PG signals of the selected voltage monitors.
The selection of the regulators being reported by the PGOOD pin is done via the PG_EN bits.
PG_EN bits
Option
PGOOD Control
0
SW1 does not control PGOOD
SW1_PG_EN
1
SW1 controls PGOOD
0
SW2 does not control PGOOD
SW2_PG_EN
1
SW2 controls PGOOD
0
SW3 does not control PGOOD
SW3_PG_EN
1
SW3 controls PGOOD
0
SW4 does not control PGOOD
SW4_PG_EN
1
SW4 controls PGOOD
0
SW5 does not control PGOOD
SW5_PG_EN
1
SW5 controls PGOOD
0
LDO1 does not control PGOOD
LDO1_PG_EN
1
LDO1 controls PGOOD
0
LDO2 does not control PGOOD
LDO2_PG_EN
1
LDO2 controls PGOOD
0
LDO3 does not control PGOOD
LDO3_PG_EN
1
LDO3 controls PGOOD
0
VAON does not control PGOOD
VAON_PG_EN
1
VAON controls PGOOD
Table 72. Voltage reels PGOOD triggers
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
72 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com