Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 12 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 8Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 9Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 10Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 11Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 12Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 13Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 14Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 15Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
Pin
Pin name
Description
Min
Max
Units
11
NC1
Not connected
-0.3
6.0
V
12
LDO3OUT
LDO3 output
-0.3
6.0
V
13
LDO3IN
LDO3 input
-0.3
6.0
V
14
XFAILB
External fail
-0.3
6.0
V
15
AMUX
Analog multiplexer output
-0.3
6.0
V
16
VAON
Always-on output
-0.3
6.0
V
17
NC2
Not connected
-0.3
6.0
V
18
VIN
PMIC input supply
-0.3
6.0
V
19
VDDOTP
OTP supply
-0.3
10.0
V
20
SW2FB
SW2 feedback
-0.3
6.0
V
21
SW3FB
SW3 feedback
-0.3
6.0
V
22
SW5FB
SW5 feedback
-0.3
6.0
V
23
SW4FB
SW4 feedback
-0.3
6.0
V
24
DGND
Digital ground
-0.3
0.3
V
25
VDIG
Internal digital supply
-0.3
2.0
V
26
VANA
Internal analog supply
-0.3
2.0
V
27
AGND
Analog ground
-0.3
0.3
V
28
PWRON
Power on request
-0.3
6.0
V
29
VMON1
External VMON1
-0.3
6.0
V
30
VMON2
External VMON2
-0.3
6.0
V
31
SW4IN
SW4 Input
-0.3
6.0
V
32
SW4LXA
SW4 switching node A
-0.3
6.0
V
33
SW4LXB
SW4 switching node B
-0.3
6.0
V
34
SW5LXB
SW5 switching node B
-0.3
6.0
V
35
SW5LXA
SW5 switching node A
-0.3
6.0
V
36
SW5IN
SW5 input
-0.3
6.0
V
37
SW1LXB
SW1 switching node B
-0.3
6.0
V
38
SW1LXA
SW1 switching node A
-0.3
6.0
V
39
SW1INB
SW1 input B
-0.3
6.0
V
40
SW1INA
SW1 input A
-0.3
6.0
V
41
INTB
Interrupt request
-0.3
6.0
V
42
FSYNC
Clock sync input
-0.3
6.0
V
43
RSTB
MCU reset pin
-0.3
6.0
V
44
PGOOD
Power good
-0.3
6.0
V
45
GPIO1
Programmable IO1
-0.3
6.0
V
46
GPIO2
Programmable IO2
-0.3
6.0
V
Table 4. QFN56 Pin description...continued
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
12 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com