Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 92 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 92 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 88Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 89Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 90Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 91Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 92Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 93Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 94Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 95Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 96Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
When the VAON is configured in Always-on mode, the regulator output remains enabled all the time, as long as
the VIN supply does not cross the UVDET threshold or the state machine does not enter the DFS state due to
a critical fault condition. In scenarios such as these, the VAON will be enabled again after the new fuse-loading
event when the device experiences a new cold boot or is able to wake up from the DFS state.
13.2.1.2 System regulator mode
When VAON is set as a system regulator, the VAON output will be allowed to turn on only during the SYSTEM
ON states, following the power-up and power-down sequences, as configured via the OTP and functional
registers.
In applications where the VAON block is used as a system regulator, the OTP_VAON[1:0] will be used to set the
default voltage during the Power-up sequence. The VAON, however, can also remain disabled by default, and
the VAON[1:0] functional bits can be used to set the output voltage during the SYSTEM ON state, allowing the
MCU to enable the supply on the go at the required voltage level.
13.2.1.3 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, VIN = 5.0 V, VAON = 1.8 V, IAON = 10 mA and typical external
component values, unless otherwise noted. Typical values are characterized at VIN = 5.0 V, VAON = 1.8 V, IAON = 10 mA, and
Ta = 25 °C, unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VIN_VAON
VAON operating input range
UVDET
–
5.5
V
IQ_VAON
VAON quiescent current
• Max IQ at TA = 85°C
–
2
5
µA
ILIM_VAON
VAON current limit
30
–
60
mA
VAON_PSRR_AC
AC power supply rejection ratio
• 400 kHz
• 100 µA < IAON ≤ 10 mA
• VIN = VAON + 300 mV
30
–
–
dB
RDSON_VAON
VAON dropout mode resistance
–
–
5
Ω
RPD_VAON
VAON discharge pulldown resistor
–
60
100
Ω
VAON_OS
VAON startup overshoot
–
–
200
mV
VAON_AC
VAON load transient
IAON_AC: 0 mA to 10 mA
-100
–
100
mV
VAON_TON
VAON turn-on time
• VAON enabled to 90 % of final value
–
–
1.7
ms
VAON_ACC
VAON output voltage accuracy
-2
–
2
%
VAON_LOR
VAON DC load regulation
-1
–
1
%
VAON_LIR
VAON DC line regulation
-1
–
1
%
IVAON
VAON nominal output current
10
–
–
mA
VAON_DROP
VAON LDO minimum headroom
• Minimum headroom to ensure regulation.
200
–
–
mV
VAON_LP_UV
VAON low-power undervoltage threshold
1.4
1.5
1.6
V
Table 109. VAON electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
92 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com