Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 141 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 141 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 137Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 138Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 139Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 140Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 141Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 142Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 143Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 144Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
AMUX_EN
AMUX_SEL[4:0]
AMUX Selection
Internal signal Dividing ratio
2.5 (from 1.8 V to 3.3 V)
1
01100
LDO2
1.0 (from 0.75 V to 1.5 V)
2.5 (from 1.8 V to 3.3 V)
1
01101
LDO3
1.0 (From 0.75 V to 1.5 V)
2.5 (From 1.8 V to 3.3 V)
1
01110
VAON
2.5
1
01111
TEMP_IC
1.0
1
10000
TEMP_SW1
1.0
1
10001
TEMP_SW2
1.0
1
10010
TEMP_SW3
1.0
1
10011
TEMP_SW4
1.0
1
10100
TEMP_SW5
1.0
1
10101
TEMP_LDO1
1.0
1
10110
TEMP_LDO2
1.0
1
10111
TEMP_LDO3
1.0
1
11000
VMON1
1.0
1
11001
VMON2
1.0
1
11010
VDIG_DMS
1.0
1
11011
Reserved
N/A
1
11100
Reserved
N/A
1
11101
Reserved
N/A
1
11110
Reserved
N/A
1
11111
Reserved
N/A
Table 190. AMUX channel selection...continued
When the AMUX is enabled with AMUX_SEL = 0000, the AMUX output is placed in high impedance to allow
multiple devices to connect to the same ADC input and drive the AMUX line one device at a time.
13.5.1 Electrical characteristics
All parameters are specified at TA = -40 °C to 125 °C, unless otherwise noted. Typical values are characterized at VIN = 5 V
and TA = 25 °C unless otherwise noted.
Symbol
Description
Min
Typ
Max
Unit
VAMUX_OUT AMUX output voltage range
0.3
–
1.65
V
VOFFSET
AMUX output voltage offset (input to output)
-10
–
10
mV
IQAMUX
AMUX quiescent current
–
185
–
µA
tAMUX_ON
AMUX settling time (off-to-channel transition)
• Max step size of 1.6 V
• Bus capacitance 150 pF
–
–
50
µs
tAMUX_CHG
AMUX settling time (channel-to-channel Transition)
–
–
50
µs
Table 191. AMUX electrical characteristics
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
141 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com