Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPF0900AMBA2ES Datasheet(PDF) 146 Page - NXP Semiconductors

Part # MPF0900AMBA2ES
Description  Nine-channel power management IC with advanced system safety monitoring
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF0900AMBA2ES Datasheet(HTML) 146 Page - NXP Semiconductors

Back Button MPF0900AMBA2ES Datasheet HTML 142Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 143Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 144Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 145Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 146Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 147Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 148Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 149Page - NXP Semiconductors MPF0900AMBA2ES Datasheet HTML 150Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 205 page
background image
NXP Semiconductors
PF09
Nine-channel power management IC with advanced system safety monitoring
14.1 Output voltage monitoring
The PF09 is intended to operate as the main safety controller for the full power management architecture,
providing high precision OV/UV monitoring during the RUN and Monitored STANDBY states for the PF09
system regulators, as well as external regulators supplied by one or more companion PMICs.
The OV/UV monitoring circuits implement a dedicated bandgap reference which is fully independent from the
bandgap reference used for the voltage generation.
Safety OV/UV monitoring is performed on the following regulators:
• Switch mode power supplies (SMPS): SW1, SW2, SW3, SW4, SW5
• Linear regulators (LDO): LDO1, LDO2, LDO3, VAON
External voltage monitoring is performed via the two dedicated external VMON pins.
• VMON1
• VMON2
Additional external voltage monitoring pins are available in the LDO2 and LDO3 if the regulators are not
required in the system.
• VLDO2MON (LDO2OUT pin)
• VLDO3MON (LDO3OUT pin)
Refer to section 17.3 Voltage Monitoring for operational details of the safety-related VMON blocks.
Voltage monitoring of the VAON regulator in the Low-power modes (OFF and STANDBY states) is not
considered to be a safety-related mechanism, therefore the undervoltage detection in such scenarios is
designed to prioritize power consumption over physical independence of the voltage reference between the
regulator and the voltage monitor.
14.1.1 Voltage monitoring during a pin disconnection
The switching regulators and LDOs are provided with a pin-lift mechanism to detect a random pin disconnection
that could potentially lead to an unsafe/undetectable condition, resulting in a violation of the safety goal.
When the VAON operates as an always-on regulator with very low quiescent current, this rail is intended to
supply the low-level voltage domain in the MCU in charge of communicating and interfacing with the PF09
device. It is assumed a pin disconnection in the VAON output will cause the MCU to become unresponsive, and
such a fault will be detected by other mechanisms, therefore a pin-lift feature is not needed in the VAON.
14.1.1.1 Switching regulators FB disconnection
Each switching regulator is provided with an internal weak pullup resistor to VIN at its respective SWxFB pad, to
ensure the VMON is able to perform a safe reaction when the regulation is operating in PWM mode.
A pullup on the FB node will force the VMON into to an OV condition, while the error amplifier will try to lower
the output voltage by reducing the PWM, resulting in an incorrect OV fault detection but safe reaction to an FB
pin disconnection.
It is assumed the PFM mode is intended to be used during low-power STANDBY mode, which is considered
a safe state with no critical activity. In these scenarios, the internal pullup resistor will be disabled in the PFM
mode to ensure proper operation of the PFM control loop.
14.1.1.2 LDO regulators output disconnection
The LDOs are provided with an internal mechanism to detect a real-time pin disconnection during normal
operation. A current source injects small amounts of current with a frequency wide enough to cause a pin
PF09
All information provided in this document is subject to legal disclaimers.
© 2026 NXP B.V. All rights reserved.
Product data sheet
Rev. 1.3 — 16 December 2025
Document feedback
146 / 205



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com