Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 30 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 30 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 26Page - ams-OSRAM AG AS1181 Datasheet HTML 27Page - ams-OSRAM AG AS1181 Datasheet HTML 28Page - ams-OSRAM AG AS1181 Datasheet HTML 29Page - ams-OSRAM AG AS1181 Datasheet HTML 30Page - ams-OSRAM AG AS1181 Datasheet HTML 31Page - ams-OSRAM AG AS1181 Datasheet HTML 32Page - ams-OSRAM AG AS1181 Datasheet HTML 33Page - ams-OSRAM AG AS1181 Datasheet HTML 34Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
30 / 92
/
7.2
Safety monitors
AS1181 integrates several safety features to detect open or shorted LEDs and to avoid
unwanted overcurrent situations also under single fault conditions.
Safety features are implemented on the high side (LP - Anode) and low side (LNx - Cathode)
of the LEDs as shown in the detailed block diagram below. All safety features are operating
fully self-contained and do not require an external host to shut down illumination.
Figure 30: Block diagram safety monitors
LP
VLED
LN0-
LN7
VP2
VP18
VGMAX
V_FB_MAX
reference
ref
VLED_FB_UV
VON
VGATE_MAX
GATE_LOW
VSHORT
VOPEN
V_FB_MIN
10µA
Open/Short
VLED_FB_OV
VLED_OV
VLED_OPEN
~50mV
Iref
short
short LP
short LP Test
Iref
short vss
250R x 256
8bit
Power Switch /
over current
detection
LDO
over current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com