Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 36 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 36 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 32Page - ams-OSRAM AG AS1181 Datasheet HTML 33Page - ams-OSRAM AG AS1181 Datasheet HTML 34Page - ams-OSRAM AG AS1181 Datasheet HTML 35Page - ams-OSRAM AG AS1181 Datasheet HTML 36Page - ams-OSRAM AG AS1181 Datasheet HTML 37Page - ams-OSRAM AG AS1181 Datasheet HTML 38Page - ams-OSRAM AG AS1181 Datasheet HTML 39Page - ams-OSRAM AG AS1181 Datasheet HTML 40Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
36 / 92
/
7.3.1
Interrupt sources
AS1181 has the following interrupt sources:
Interrupts 0-15 can be managed with the following registers:
•
IRQ_ENABLE0 register (Address 0x1A38)
•
IRQ_STATUS0 register (Address 0x1AA4)
•
IRQ_HISTORY0 register (Address 0x1AAA)
•
IRQ_MASK0 register (Address 0x1AB0)
Table 6: Interrupt sources 0-15
Bit
Source
Severity
Interrupt
type
Description
0
fault
Highest
Pulse/level
General FAULT indicator.
Triggered if any of the critical interrupts is set.
Device will remain in FAULT state until the actual fault is
cleared. Entering config_mode or a device reset will clear
FAULT state, however device will enter FAULT state again
if actual FAULT in system is still present.
1
reserved
2
vled_adj_request
Info
Pulse
VLED adjust request interrupt
If idrive_undervoltage is set it indicates too low voltage on
VLED. This interrupt can be used as feedback to the
DCDC converter increasing its output voltage towards
VLED input.
3
asic_test_done
Info
Pulse
RunSelfTest completed
Interrupt indicating self-test is completed
4
boot_complete
Info
Pulse
Startup (Boot) completed
Interrupt indicating if the start-up sequence of the device
has been completed successfully
5
task_done
Info
Pulse
Task done
Information interrupt if any task has been completed by
AS1181. Only triggered in config_mode
6
periodic_test_done
Info
Pulse
Periodic test done (“max_timer”)
Information interrupt to indicate if the periodic BIST has
been completed.
7
illum_start
Info
Pulse
Illumination start of first channel
Information interrupt to indicate start of illumination of the
first channel.
8
illum_end
Info
Pulse
Illumination end of last channel
Information interrupt to indicate end of illumination of the
last channel.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com