Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 14 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 14 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 10Page - ams-OSRAM AG AS1181 Datasheet HTML 11Page - ams-OSRAM AG AS1181 Datasheet HTML 12Page - ams-OSRAM AG AS1181 Datasheet HTML 13Page - ams-OSRAM AG AS1181 Datasheet HTML 14Page - ams-OSRAM AG AS1181 Datasheet HTML 15Page - ams-OSRAM AG AS1181 Datasheet HTML 16Page - ams-OSRAM AG AS1181 Datasheet HTML 17Page - ams-OSRAM AG AS1181 Datasheet HTML 18Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 92 page
background image
AS1181
Typical operating characteristics
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
14 / 92
/
Figure 7: 1 PWM input, T_STAGGER = 1µs
(1) I_CH0, I_CH4, I_CH7 = 30mA
(2) Slew rate = 24 x 4
Figure 8: Current pulse 20µs ON time
(1) I_CH0 = 10mA, I_CH4 = 20mA, I_CH7 = 60mA
(2) Slew rate = 0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com