Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 38 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 38 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 34Page - ams-OSRAM AG AS1181 Datasheet HTML 35Page - ams-OSRAM AG AS1181 Datasheet HTML 36Page - ams-OSRAM AG AS1181 Datasheet HTML 37Page - ams-OSRAM AG AS1181 Datasheet HTML 38Page - ams-OSRAM AG AS1181 Datasheet HTML 39Page - ams-OSRAM AG AS1181 Datasheet HTML 40Page - ams-OSRAM AG AS1181 Datasheet HTML 41Page - ams-OSRAM AG AS1181 Datasheet HTML 42Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
38 / 92
/
Interrupts 16-31 can be managed with the following registers:
•
IRQ_ENABLE1 register (Address 0x1A3A)
•
IRQ_STATUS1 register (Address 0x1AA6)
•
IRQ_HISTORY1 register (Address 0x1AAC)
•
IRQ_MASK1 register (Address 0x1AB2)
Table 7: Interrupt sources 16-31
Bit
Source
Severity
Interrupt
type
Description
0
osc_error
Critical
Pulse
Oscillator period error
Interrupt is set if the internal oscillator is stuck or frequency
is out of specification
1
watchdog_timeout
Critical
Pulse
Watchdog timeout error
Interrupt is set when the internal MCU gets stuck and runs
into timeout
2
rload_test_error
Critical
Pulse
Rload test failure (BIST)
The Rload test bypasses the external LEDs with an
internal RLOAD resistor and is calibrated at production
testing to provide a known relationship between voltage
across the internal Rload resistor and current sunk by LNx
current sources. Each LN current source can separately
be connected to the Rload circuit. The relationship
established at production test between the voltage across
Rload for a given current will be checked against the value
recorded in the OTP. The device temperature and the
temperature coefficient of the polysilicon resistor used will
also be taken into account. This interrupt is set when a
problem occurs during RLOAD test.
3
hs_overcurrent
Critical
Pulse/
level
HS switch overcurrent error (BIST & continuous
check)
Interrupt is set when high side (HS) overcurrent detector is
detecting a LED current higher than set thresholds.
4
curr_lim_hi_overrun
Critical
Level
Overcurrent error on any channel
Interrupt is set when HOST wants to accidentally program
a current higher than set CURR_LIM threshold. Register
CURR_LIM0 to CURR_LIM7
5
curr_lim_lo_underrun
Critical
Level
Undercurrent error on any channel
Interrupt is set when HOST wants to accidentally program
a current lower than set CURR_LIM threshold. Register
CURR_LIM0 to CURR_LIM7
6
supply_overvoltage
Critical
Level
Overvoltage error on VP18 or VLED
Interrupt is set when there is an overvoltage error on VP18
or VLED.
Thresholds:
VLED OV 5.3 - 5.5V
VP18 OV 1.88V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com