Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 12 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 12 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 8Page - ams-OSRAM AG AS1181 Datasheet HTML 9Page - ams-OSRAM AG AS1181 Datasheet HTML 10Page - ams-OSRAM AG AS1181 Datasheet HTML 11Page - ams-OSRAM AG AS1181 Datasheet HTML 12Page - ams-OSRAM AG AS1181 Datasheet HTML 13Page - ams-OSRAM AG AS1181 Datasheet HTML 14Page - ams-OSRAM AG AS1181 Datasheet HTML 15Page - ams-OSRAM AG AS1181 Datasheet HTML 16Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 92 page
background image
AS1181
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
12 / 92
/
Symbol
Parameter
Min
Typ
Max
Unit
Comment
IO parameters
VIL
Digital input low voltage
0
0.3x
VBUS
V
VIH
Digital input high voltage
0.7x
VBUS
1.98
V
VOL
Digital output low voltage
0
270
mV
I3C mode; IOL = 3mA
VOH
Digital output high voltage
VDD-0.27
V
I3C mode; IOL = 3mA
fSCL_I2C
I²C maximum frequency
1
MHz
fSCL_I3C
I3C maximum frequency
12.5
MHz
PWM
inputs (3)
THIGH
Strobe/PWM high time
20
15000
µs
TLOW
Strobe/PWM low time
65+Tstagger
µs
*Tstagger - time needed to
perform all the staggering
for all groups, if staggering
is disabled equals to zero.
PPWM
PWM period
0.2
16.6
ms
PWM1 and PWM2 shall
have the same period in
dual PWM input mode.
fPWM
PWM frequency
60
5000
Hz
DC
Duty cycle
10
90
%
tskew
PWM1&2 input skew
10
µs
Maximum skew between
PWM1 and PWM2 input in
all modes.
(1) Error/current sink mismatch calculated with all channel currents averaged.
(2) Calibrated and measured on every device in final test (ATE). System measurement accuracy and solder shift are not
included. Accuracy defined on device level.
(3) Valid in external PWM mode for inputs STROBE1_PWM1 & ID2_PWM2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com