Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 35 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 35 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 31Page - ams-OSRAM AG AS1181 Datasheet HTML 32Page - ams-OSRAM AG AS1181 Datasheet HTML 33Page - ams-OSRAM AG AS1181 Datasheet HTML 34Page - ams-OSRAM AG AS1181 Datasheet HTML 35Page - ams-OSRAM AG AS1181 Datasheet HTML 36Page - ams-OSRAM AG AS1181 Datasheet HTML 37Page - ams-OSRAM AG AS1181 Datasheet HTML 38Page - ams-OSRAM AG AS1181 Datasheet HTML 39Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
35 / 92
/
7.3
Interrupt controller
Interrupt requests are sent to output pin IRQ_N. This signal is active low and the pin is
configured as open drain output.
The condition to trigger an interrupt for a specific source is:
•
If an interrupt source is ASSERTED, ENABLED and NOT MASKED, then the IRQ_N is
asserted.
•
If an interrupt source is asserted, then it is captured in the interrupt status register
IRQ_STATUS0 register (Address 0x1AA4), IRQ_STATUS1 register (Address 0x1AA6)
and IRQ_STATUS2 register (Address 0x1AA8).
•
An interrupt is enabled if the corresponding enable register bit is set to 1 in the following
registers: IRQ_ENABLE0 register (Address 0x1A38), IRQ_ENABLE1 register (Address
0x1A3A) and IRQ_ENABLE2 register (Address 0x1A3C).
•
An interrupt can be masked (inhibited) if the corresponding mask register bit is set to 1 in
the following registers: IRQ_MASK0 register (Address 0x1AB0), IRQ_MASK1 register
(Address 0x1AB2), IRQ_MASK2 register (Address 0x1AB4).
•
IRQ_N is latched on the first interrupt occurrence.
•
IRQ_N is not cleared until all interrupt status registers containing a set interrupt are read
(reading the interrupt status registers clears them).
•
The IRQ_N output signal is the NOR-function of all interrupt sources.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com