Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 32 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 32 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 28Page - ams-OSRAM AG AS1181 Datasheet HTML 29Page - ams-OSRAM AG AS1181 Datasheet HTML 30Page - ams-OSRAM AG AS1181 Datasheet HTML 31Page - ams-OSRAM AG AS1181 Datasheet HTML 32Page - ams-OSRAM AG AS1181 Datasheet HTML 33Page - ams-OSRAM AG AS1181 Datasheet HTML 34Page - ams-OSRAM AG AS1181 Datasheet HTML 35Page - ams-OSRAM AG AS1181 Datasheet HTML 36Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
32 / 92
/
7.2.3
Digital safety monitors
7.2.3.1
Illumination time monitor
The illumination time monitor is continuously sampling the PWM ON time applied via both
inputs and comparing the result with the value programmed in “TD_ILLUM_MAX register
(Address 0x1A36)”. In PWM mode the ON time (HIGH Time) is constrained to be maximum
15ms. Therefore, the value in the TD_ILLUM_MAX register shall be less the 15ms in this
mode. (Refer to Table 5: External PWM mode constraints).
If the actual PWM ON time is longer than the value programmed the current sinks get turned
off and the respective interrupt flag is set.
Figure 31 shows the actual implementation – in the 3rd frame (STROBE = yellow) the PWM ON
time changes from 4ms to 10ms – TD_ILLUM_MAX is programmed to 4.1ms.
The current sink (blue) is turned off immediately and the interrupt IRQ_N (green) is pulled to
GND. The interrupt “Illumination Duration” has been set and is informing the Host.
Figure 31: Illumination time monitor example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com