Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 4 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 4 Page - ams-OSRAM AG

  AS1181 Datasheet HTML 1Page - ams-OSRAM AG AS1181 Datasheet HTML 2Page - ams-OSRAM AG AS1181 Datasheet HTML 3Page - ams-OSRAM AG AS1181 Datasheet HTML 4Page - ams-OSRAM AG AS1181 Datasheet HTML 5Page - ams-OSRAM AG AS1181 Datasheet HTML 6Page - ams-OSRAM AG AS1181 Datasheet HTML 7Page - ams-OSRAM AG AS1181 Datasheet HTML 8Page - ams-OSRAM AG AS1181 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 92 page
background image
AS1181
General description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
4 / 92
/
AS1181 8-channel LED/VCSEL driver with
enhanced safety features
1
General description
AS1181 is an 8-channel highly integrated self-contained LED/VCSEL driver for near to eye
applications such as Augmented Reality (AR) and Virtual Reality (VR) glasses. The device
integrates extended safety monitoring functions to ensure eye safe operation. These safety
monitors include LED short detection, LED open detection, LED overcurrent protection, LED
on time monitor as well as temperature shutdown and a built-in-self test (BIST).
The device is configurable via a serial wire interface (I²C or I3C) with interrupt and provides
two Strobe/PWM inputs to synchronize illumination with up to two external cameras for
binocular eye tracking systems.
The LED current is individually programmable per channel, and it can drive up to 2 IR LEDs
per current sink with a minimum ON time of 10µs and a maximum current of 66mA per
channel.
General purpose LED driving applications can be supported via a direct PWM input applied at
the Strobe pin and it can drive RGB or white LEDs considering a maximum forward voltage of
5V.
The device comes in a tiny wafer-level-chip-scale package (WLCSP) with 0.4mm pitch and
dimensions of 2.9mm x 1.75mm x 0.5mm (L x W x H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com