Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 44 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 44 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 40Page - ams-OSRAM AG AS1181 Datasheet HTML 41Page - ams-OSRAM AG AS1181 Datasheet HTML 42Page - ams-OSRAM AG AS1181 Datasheet HTML 43Page - ams-OSRAM AG AS1181 Datasheet HTML 44Page - ams-OSRAM AG AS1181 Datasheet HTML 45Page - ams-OSRAM AG AS1181 Datasheet HTML 46Page - ams-OSRAM AG AS1181 Datasheet HTML 47Page - ams-OSRAM AG AS1181 Datasheet HTML 48Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
44 / 92
/
Note: After a direct CCC has been sent to the device a STOP condition needs to follow before
the next CCC can be sent.
7.4.4
Dynamically assigned addresses
The device supports I3C Dynamic Address Assignment, which is initiated by the external host
controller with the broadcast common command code 'Enter Dynamic Address Assignment'
(ENTDAA).
The device supports Dynamic Address Assignment in the condition where the external host
can overwrite the device statically assigned address using the common command code 'Set
Dynamic Address from Static Address' (SETDASA).
After an address is dynamically assigned, the device only responds to the newly assigned
address and no longer responds to the default target address. The dynamically assigned
address shall be used until the device is reset, at which point the device shall return to its
default target address.
7.4.5
Default I²C and I3C slave address
The default 7-bit I²C / I3C address is defined as follows. The ID1 and ID0 are input pins of the
device.
Table 11: Serial interface slave address configuration
A6
A5
A4
A3
A2
A1
A0
1
0
1
0
0
ID1
ID0
Note that the I²C / I3C static address space is from 50h to 53h depending on the input levels
of ID1 and ID0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com