Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 47 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 47 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 43Page - ams-OSRAM AG AS1181 Datasheet HTML 44Page - ams-OSRAM AG AS1181 Datasheet HTML 45Page - ams-OSRAM AG AS1181 Datasheet HTML 46Page - ams-OSRAM AG AS1181 Datasheet HTML 47Page - ams-OSRAM AG AS1181 Datasheet HTML 48Page - ams-OSRAM AG AS1181 Datasheet HTML 49Page - ams-OSRAM AG AS1181 Datasheet HTML 50Page - ams-OSRAM AG AS1181 Datasheet HTML 51Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
47 / 92
/
Register name / bit name
Register
address
OTP default
value (HEX)
Value
Unit
Comment
CH_DLY / td_trigdly
0x1A24
64
100
µs
CH_DLY / td_stagger
0x1A24
1
1
µs
CH_ENABLE
0x1A26
FF
All channels enabled
LED_CONFIG
0x1A28
FF
2 LED configuration
CH_CONTROL
0x1B48
1
Channel Slew ON
CH_SLEW30
0x1A2C
1111
CH_SLEW74
0x1A2E
1111
HSCS_SEL / hs_curr_nr_chan
0x1A30
5
Sensing Range 500-700mA
HSCS_SEL / hs_set_iref
0x1A30
BE
190µA
TD_TRATE_MAX
0x1A34
1F4
TD_ILLUM_MAX
0x1A36
12C
300
µs
TST_INTERVAL
0x1A40
3FF
1
sec
Periodic test set to 1sec
COMP_LVL_LOW
0x1A48
0
200
mV
COMP_LVL_HIGH
0x1A4A
0
800
mV
COMP_LVL_SHORT
0x1A4C
3
0.8
V
COMP_LVL_OPEN
0x1A4E
0
50
mV
8.3
Register map details
8.3.1
TD_ILLUM register (Address 0x1A00)
Table 13: TD_ILLUM register (Write Access when system state == idle)
Addr: 0x1A00
TD_ILLUM
Bit
Bit field
Default
Access
Bit description
14:0
td_illum
OTP
RW
LED illumination duration defined in [µs].
LSB = 1µs
Note:
If pwm_illum_enable is high this field shows sampled illumination
time based on STROBE pin as a PWM source.
In PWM mode 0x7FFF sampled value means constant high
STROBE input and constant illumination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com