Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 37 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 37 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 33Page - ams-OSRAM AG AS1181 Datasheet HTML 34Page - ams-OSRAM AG AS1181 Datasheet HTML 35Page - ams-OSRAM AG AS1181 Datasheet HTML 36Page - ams-OSRAM AG AS1181 Datasheet HTML 37Page - ams-OSRAM AG AS1181 Datasheet HTML 38Page - ams-OSRAM AG AS1181 Datasheet HTML 39Page - ams-OSRAM AG AS1181 Datasheet HTML 40Page - ams-OSRAM AG AS1181 Datasheet HTML 41Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
37 / 92
/
Bit
Source
Severity
Interrupt
type
Description
9
over_temp
Critical
Level
Over temperature (temp. > 125deg)
Critical/safety interrupt. Indicates over temperature of the
device.
10
idrive_overvoltage
Info
Pulse
Overvoltage on any active channel
Information interrupt to indicate voltage on LNx pins. If set,
too high voltage on LNx is present. Information can be
used to lower VLED via digital feedback. E.g.: Read-out
AS1181 interrupt and lower DCDC output voltage
providing VLED to AS1181.
11
idrive_undervoltage
Info
Pulse
Undervoltage on any active channel
Information interrupt to indicate voltage on LNx pins. If set
a too low voltage on LNx is present. Information can be
used to lower VLED via digital feedback. E.g.: Read-out
AS1181 interrupt and increase DCDC output voltage
providing VLED to AS1181. Possible to force it externally
by decreasing VLED to its minimum AND having a too
high forward voltage of the LED.
12
trigger_rate_error
Critical
Pulse
Trigger rate error
The strobe rate monitor measures the applied strobe
signal frequency and compares it to the value stored in
TD_TRATE_MAX register (Address 0x1A34). If the
applied strobe signal is too fast, an interrupt is set to
inform the host. Note that the strobe rate monitor is not
available in direct PWM mode with 1 or 2 inputs.
13
ecc_error
Critical
Level
OTP ECC error
During power-on reset, the device checks the OTP block
for any ECC errors (for example, if a bit has flipped). If an
error is detected, the ecc_error interrupt is triggered.
14
idrive_ramp_error
Critical
Pulse
Channel Ramp-down error
Interrupt is set when a channel (LNx) current ramps down
before ramp-up has been completed.
15
illum_duration_error
Critical
Pulse
Illumination time error
The illumination time monitor is continuously sampling the
PWM ON time applied via both inputs and comparing the
result with the value programmed in “TD_ILLUM_MAX
register (Address 0x1A36)”. If the actual PWM ON time is
longer than the value programmed the current sinks get
turned off and the respective interrupt flag is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com