Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 11 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 11 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 7Page - ams-OSRAM AG AS1181 Datasheet HTML 8Page - ams-OSRAM AG AS1181 Datasheet HTML 9Page - ams-OSRAM AG AS1181 Datasheet HTML 10Page - ams-OSRAM AG AS1181 Datasheet HTML 11Page - ams-OSRAM AG AS1181 Datasheet HTML 12Page - ams-OSRAM AG AS1181 Datasheet HTML 13Page - ams-OSRAM AG AS1181 Datasheet HTML 14Page - ams-OSRAM AG AS1181 Datasheet HTML 15Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
AS1181
Electrical characteristics
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
11 / 92
/
5
Electrical characteristics
All limits are guaranteed. The parameters with Min and Max values are guaranteed with
production tests or SQC (Statistical Quality Control) methods.
Table 4: Electrical characteristics of AS1181
Symbol
Parameter
Min
Typ
Max
Unit
Comment
Operating conditions
TA_OP
Ambient temperature operating
-20
25
85
°C
In this range all specified
parameters are met
Power supplies and GND
VLED
LED supply voltage
2.6
5.5
V
VP2
Supply voltage for LDO
2.0
2.1
5.5
V
If only one supply voltage
is available VLED can be
connected to VP2
VP18
Output voltage of LDO
1.71
1.8
1.89
V
Supply for analog and
digital circuits
IVP18
Output current of LDO
50
mA
VP18 LDO can be used to
supply external circuits
VBUS
Supply voltage VBUS
1.08
1.2
1.98
V
Interface voltage. For 1.8V
connect to VP18.
ISHUTDOWN
Shutdown current when
EN = 0
1
µA
PSLEEP
Sleep power consumption
100
220
µW
PIDLE
Idle power consumption
1.4
4
mW
Current sink specifications
Vcomp
Compliance / Headroom voltage
of current sinks
0.4
V
IMATCH(1)
Matching between current sinks
from -10°C to 85°C TA
-1.5
1.5
%
IACC(2)
Absolute current sink accuracy
full range
-2.5
2.5
%
Full current and temp
range
IRANGE
Current sink range
0
66
mA
250µA LSB
IRES
Current sink resolution
8
bit
TON_MIN
Minimum LED on time
10
µs
Temperature monitors
TEMPOT
High temperature shutdown
140
°C
TEMPUT
Low temperature shutdown
-20
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com