Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 5 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 5 Page - ams-OSRAM AG

  AS1181 Datasheet HTML 1Page - ams-OSRAM AG AS1181 Datasheet HTML 2Page - ams-OSRAM AG AS1181 Datasheet HTML 3Page - ams-OSRAM AG AS1181 Datasheet HTML 4Page - ams-OSRAM AG AS1181 Datasheet HTML 5Page - ams-OSRAM AG AS1181 Datasheet HTML 6Page - ams-OSRAM AG AS1181 Datasheet HTML 7Page - ams-OSRAM AG AS1181 Datasheet HTML 8Page - ams-OSRAM AG AS1181 Datasheet HTML 9Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
AS1181
General description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
5 / 92
/
1.1
Key benefits & features
The benefits and features of AS1181, 8-channel LED/VCSEL driver with enhanced safety
features are listed below:
Table 1: Added value of using AS1181
Benefits
Features
Fully self-contained fault detection and protection
enables easier implementation of eye safety
functionality in end devices over discrete solutions.
Enhanced safety monitors:
• High side over current detection (Anode)
• High side LP node short detection (Anode)
• Low side open/short LED detection (Cathode)
• Built-in-self test (BIST)
• Illumination time monitor
• Over & low temperature shutdown
Easy integration into size constraint applications
Tiny WL-CSP 28 package with 0.4mm pitch.
2.9mm x 1.75mm x 0.5mm (L x W x H)
Support for binocular eye tracking systems
Dual trigger input to start and synchronize illumination with
two eye tracking cameras.
1.2
Applications
•
Eye- / face / hand tracking in AR/VR and XR glasses
•
Iris recognition
•
General purpose LED driver with enhanced safety features



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com