Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 20 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 20 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 16Page - ams-OSRAM AG AS1181 Datasheet HTML 17Page - ams-OSRAM AG AS1181 Datasheet HTML 18Page - ams-OSRAM AG AS1181 Datasheet HTML 19Page - ams-OSRAM AG AS1181 Datasheet HTML 20Page - ams-OSRAM AG AS1181 Datasheet HTML 21Page - ams-OSRAM AG AS1181 Datasheet HTML 22Page - ams-OSRAM AG AS1181 Datasheet HTML 23Page - ams-OSRAM AG AS1181 Datasheet HTML 24Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
20 / 92
/
7.1.1
Sleep mode
The Sleep mode can be entered by writing the SLEEP command to the
I2C_COMMAND_CODE register (in I²C mode) or by executing the CCC SLEEP (in I3C mode).
The Sleep mode can only be left by writing the WAKE command to the
I2C_COMMAND_CODE register (in I²C mode) or by executing the CCC WAKE (in I3C mode).
During Sleep mode the following register access is possible:
•
Writing to I2C_COMMAND_CODE register
•
Reading SYSTEM_STATE register
•
All other writes to any address don't take any effect
•
All other reads to any address return 0xFFFF
When the device uses I3C the following direct and indirect CCC operations are possible, with
the following exceptions:
•
ENEC/DISEC will only take effect after WAKE has been sent
•
CCC Strobe, ClearIRQ, and RunSelfTest don't trigger any CPU task
•
IBI generation and IRQ_N assertion is delayed by the oscillator start time
7.1.2
Config mode
Safety relevant registers can only be changed from I²C/I3C when the “config_mode” bit is set.
Within this mode, no new illumination cycle is allowed to happen.
Entering this mode is protected by a 32-bit key which is stored in CONFIG_KEY_COMP
register. Before sending the change mode CCC, the register CONFIG_KEY needs to contain
the same key as CONFIG_KEY_COMP in order to toggle the config_mode bit. The
CONFIG_KEY registers get cleared to 0 on each try to toggle the config_mode bit.
This means that before entering and before exiting the config mode, the specific key needs to
be stored in the CONFIG_KEY registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com