Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 43 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 43 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 39Page - ams-OSRAM AG AS1181 Datasheet HTML 40Page - ams-OSRAM AG AS1181 Datasheet HTML 41Page - ams-OSRAM AG AS1181 Datasheet HTML 42Page - ams-OSRAM AG AS1181 Datasheet HTML 43Page - ams-OSRAM AG AS1181 Datasheet HTML 44Page - ams-OSRAM AG AS1181 Datasheet HTML 45Page - ams-OSRAM AG AS1181 Datasheet HTML 46Page - ams-OSRAM AG AS1181 Datasheet HTML 47Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
43 / 92
/
7.4.3
I3C CCC commands
I3C devices according to MIPI specification support various common command codes (CCC)
to control certain features of the device.
Following Broadcast and Direct Vendor Common Command Codes (VCCCs) are defined
specifically for AS1181. There is no payload byte on any of the VCCCs.
Table 10: I3C CCC commands
Name
Broadcast
code
Direct
code
Description
Reset
0x61
0xE1
Resets the device.
Strobe
0x62
0xE2
Initiates an illumination sequence and is the equivalent of
asserting the hardware strobe input signal.
ClearIRQ
0x63
0xE3
Clears all IRQ_STATUS registers. This can be used after an
IBI-Request has been acknowledged.
Sleep
0x64
0xE4
Sends the device from IDLE into SLEEP state. I3C target
remains powered enabling the subsequent commands to be
processed, use the Wake CCC to wake the device from SLEEP
state.
Wake
0x65
0xE5
Wake the device from internal SLEEP state to IDLE state.
ChangeMode
0x66
0xE6
Compares the content of CONFIG_KEY registers with
CONFIG_KEY_COMP and toggles the config_mode bit on a
match. CONFIG_KEY will always be cleared after the compare
is done.
Do not use
0x67
0xE7
AnalogSelfTest
0x68
0xE8
Executes all analog BISTs which are also executed during
startup.
PeriodicTest
0x69
0xE9
Executes the periodic test sequences.
Do not use
0x6A
0xEA
DigitalSelfTest
0x6B
0xEB
Executes all digital BISTs which are also executed during
startup.
Do not use
0x6C - 0x6F
0xEC -
0xEF
Do not use
0x70
0xF0
Do not use
0x71
0xF1
VfMeasurement
0x72
0xF2
Runs a VF Measurement on a selected channel. Can only be
executed in CONFIG_MODE.
Do not use
0x73 - 0x77
0xF3 -
0xF7
Do not use
0x78 - 0x7E
0xF8 -
0xFE
Do not use
0x7F
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com