Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 69 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 69 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 65Page - ams-OSRAM AG AS1181 Datasheet HTML 66Page - ams-OSRAM AG AS1181 Datasheet HTML 67Page - ams-OSRAM AG AS1181 Datasheet HTML 68Page - ams-OSRAM AG AS1181 Datasheet HTML 69Page - ams-OSRAM AG AS1181 Datasheet HTML 70Page - ams-OSRAM AG AS1181 Datasheet HTML 71Page - ams-OSRAM AG AS1181 Datasheet HTML 72Page - ams-OSRAM AG AS1181 Datasheet HTML 73Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
69 / 92
/
8.3.26
TD_TRATE_MAX register (Address 0x1A34)
Table 38: TD_TRATE_MAX register (Write Access when config_mode ==1)
Addr: 0x1A34
TD_TRATE_MAX
Bit
Bit field
Default
Access
Bit description
13:0
td_trigrate_max
OTP
RW
td_trigrate_max limit for safety check, with a resolution of
16µs (allows 1Hz resolution in the range between 5-250Hz)
Calculation:
td_trigrate_max = floor((TRATE_ideal[µs] - 17.0655) /
16.5358)
TRATE_safefail[µs] = TD_RATE_MAX * 15.49787 - 16.0863.
(all trigger delays lower than this limit will generate a FAULT)
TRATE_nofail[µs] = TD_RATE_MAX * 16.53576 + 17.0447.
(all trigger delays longer than this limit will never generate a
FAULT)
250:
4.000ms period (250Hz)
251:
4.016ms period (249Hz)
..
...
12093: 200ms period (5Hz)
8.3.27
TD_ILLUM_MAX register (Address 0x1A36)
Table 39: TD_ILLUM_MAX register (Write Access when config_mode ==1)
Addr: 0x1A36
TD_ILLUM_MAX
Bit
Bit field
Default
Access
Bit description
15:0
td_illum_max
OTP
RW
td_illum_max limit for safety check, resolution: 1µs limit depends
on the values of register td_illum, td_stagger, chan_enable and
slew settings and is calculated as td_illum_max = td_illum +
(number_active_groups - 1) * td_stagger +
slew_time_last_channel
DEC 100 -> 0x0064 -> 100µs
DEC 1000 -> 0x03E8 -> 1ms
DEC 5000 -> 0x1388 -> 5ms
DEC 15000 -> 0x3A98 -> 15ms (maximum value)
>=DEC 15001 (do not use)
Note: In PWM mode ON time is constrained to be maximum
15ms. Therefore, the value in the TD_ILLUM_MAX register shall
be less the 15ms in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com