Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 73 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 73 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 69Page - ams-OSRAM AG AS1181 Datasheet HTML 70Page - ams-OSRAM AG AS1181 Datasheet HTML 71Page - ams-OSRAM AG AS1181 Datasheet HTML 72Page - ams-OSRAM AG AS1181 Datasheet HTML 73Page - ams-OSRAM AG AS1181 Datasheet HTML 74Page - ams-OSRAM AG AS1181 Datasheet HTML 75Page - ams-OSRAM AG AS1181 Datasheet HTML 76Page - ams-OSRAM AG AS1181 Datasheet HTML 77Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
73 / 92
/
8.3.32
CONFIG_KEY_COMP0 register (Address 0x1A42)
Table 44: CONFIG_KEY_COMP0 register (Read and Write Access when config_mode ==1)
Addr: 0x1A42
CONFIG_KEY_COMP0
Bit
Bit field
Default
Access
Bit description
15:0
Key_compare[15:0]
0xc7a6
RW
LSB of key which is used for comparing
8.3.33
CONFIG_KEY_COMP1 register (Address 0x1A44)
Table 45: CONFIG_KEY_COMP1 register (Read and Write Access config_mode ==1)
Addr: 0x1A44
CONFIG_KEY_COMP1
Bit
Bit field
Default
Access
Bit description
15:0
Key_compare[31:16]
0x13bf
RW
LSB of key which is used for comparing
8.3.34
CUSTLOCK register (Address 0x1A46)
Table 46: CUSTLOCK register
Addr: 0x1A46
CUSTLOCK
Bit
Bit field
Default
Access
Bit description
0
otp_cust_lock
0x1
RO
Lock bit for customer section in the OTP, lock bit cannot be
cleared when set
0
OTP section is not programmed
1
OTP section is programmed and write access is locked
Note: Lock bit is sticky and cannot be cleared when once set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com