Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 40 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 40 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 36Page - ams-OSRAM AG AS1181 Datasheet HTML 37Page - ams-OSRAM AG AS1181 Datasheet HTML 38Page - ams-OSRAM AG AS1181 Datasheet HTML 39Page - ams-OSRAM AG AS1181 Datasheet HTML 40Page - ams-OSRAM AG AS1181 Datasheet HTML 41Page - ams-OSRAM AG AS1181 Datasheet HTML 42Page - ams-OSRAM AG AS1181 Datasheet HTML 43Page - ams-OSRAM AG AS1181 Datasheet HTML 44Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
40 / 92
/
Interrupts 32-38 can be managed with the following registers:
IRQ_ENABLE2 register (Address 0x1A3C)
IRQ_STATUS2 register (Address 0x1AA8)
IRQ_HISTORY2 register (Address 0x1AAE)
IRQ_MASK2 register (Address 0x1AB4)
Table 8: Interrupt sources 32-38
Bit
Source
Severity
Interrupt
type
Description
0
VLED_monitor_error
Critical
Pulse
VLED BIST
BIST is verifying VLED voltage comparators during
start-up if they toggle correctly.
1
vp18_monitor_error
Critical
Pulse
VP18 BIST
BIST is verifying VP18 voltage comparators during start-
up if they toggle correctly.
2
temp_detect_error
Critical
Pulse
Temperature BIST
BIST is verifying over and under temperature
comparators during start-up if they toggle correctly.
3
adc_bist_error
Critical
Pulse
ADC BIST
BIST is verifying internal ADC during start-up.
4
ls_overcurrent
Critical
Level
VGATE LOW BIST
BIST is verifying the gate drive signal of the current sink
NMOS. If internal Vgate is forced to 0V due to current
regulation interrupt is set.
5
driver_gate_short
Critical
Level
VGATE HIGH BIST
BIST is verifying the gate drive signal of the current sink
NMOS. If internal Vgate is forced to VP18 (maximum)
interrupt is set.
Note: indicating potential short of LNx to GND.
6
ldo_overcurrent
Critical
Level
LDO overcurrent
VP18 overcurrent. If external output current of VP18 is
larger >65mA interrupt is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com