Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 33 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 33 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 29Page - ams-OSRAM AG AS1181 Datasheet HTML 30Page - ams-OSRAM AG AS1181 Datasheet HTML 31Page - ams-OSRAM AG AS1181 Datasheet HTML 32Page - ams-OSRAM AG AS1181 Datasheet HTML 33Page - ams-OSRAM AG AS1181 Datasheet HTML 34Page - ams-OSRAM AG AS1181 Datasheet HTML 35Page - ams-OSRAM AG AS1181 Datasheet HTML 36Page - ams-OSRAM AG AS1181 Datasheet HTML 37Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
33 / 92
/
7.2.3.2
Strobe rate monitor in STROBE mode
The strobe rate monitor measures the applied strobe signal frequency and compares it to the
value stored in TD_TRATE_MAX register (Address 0x1A34). If the applied strobe signal is too
fast, an interrupt is set to inform the host. Note that the strobe rate monitor is not available in
direct PWM mode with 1 or 2 inputs.
7.2.4
BIST (Built-in-self test)
A built-in-self test is implemented to check the device safety monitors.
After power-on-reset the digital BIST is checking RAM, ROM and OTP followed by the analog
BIST checking the following circuits:
1. VLED voltage monitor and error injection to test comparator toggling.
2. VP18 voltage monitor and error injection to test comparator toggling.
3. Temperature monitor and error injection to test comparator toggling.
4. LN shorts and open tests.
5. LN comparator and error injection to test comparator toggling.
6. LP shorts and open tests.
7. LP comparator error and error injection to test comparator toggling.
8. High-side power switch / Overcurrent detection" circuit operation.
Note: Error injection tests are done after power on-reset only while LNx & LP short/open tests
are done continuously.
After the BIST sequence has been completed successfully the device enters IDLE mode and
illumination can be started. If a failure occurs during the BIST sequence, the device enters
FAULT state and corresponding interrupt bit is set to inform the host.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com