Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 42 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 42 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 38Page - ams-OSRAM AG AS1181 Datasheet HTML 39Page - ams-OSRAM AG AS1181 Datasheet HTML 40Page - ams-OSRAM AG AS1181 Datasheet HTML 41Page - ams-OSRAM AG AS1181 Datasheet HTML 42Page - ams-OSRAM AG AS1181 Datasheet HTML 43Page - ams-OSRAM AG AS1181 Datasheet HTML 44Page - ams-OSRAM AG AS1181 Datasheet HTML 45Page - ams-OSRAM AG AS1181 Datasheet HTML 46Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 92 page
background image
AS1181
Functional description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
42 / 92
/
7.4
Serial interface description (I²C and I3C)
The device supports both I²C and I3C interface. The I3C Target is implemented according to
the MIPI-I3C Basic specification v1.1.1. The Target module is connected as a master on the
internal system bus.
The default communication mode for AS1181 is I²C, where no in-band interrupts are
generated. In the I²C mode 50ns spike filters in the pad cells are enabled.
The I²C spike filter in the pads get disabled after I3C communication is detected in the address
header (header needs to be transported with I²C timings).
In-Band-Interrupts are initially disabled and need to be enabled with the ENEC CCC.
I²C is supported up to 1Mbps (fast mode plus).
7.4.1
Operation in legacy I²C mode
I3C CCC messages are not supported in I²C systems, there are the following limitations:
•
Broadcast Strobe can be initiated by the external signal or by writing the Strobe command
code to the I2C_COMMAND_CODE register.
•
Interrupts are only asserted on output pin IRQ_N
7.4.2
I3C supported features
Table 9: I3C feature support
Feature
Supported
Single Data Rate (SDR) messaging mode up to 12.5 MHz
Yes
High Data Rate (HDR) messaging modes
No
Dynamic Address Assignment (DAA)
Yes
Request In-Band Interrupts
Yes
Generate Hot-Join events
No
Controller device capability
No
Legacy I²C messaging
Yes
Timing control
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com