Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 68 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 68 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 64Page - ams-OSRAM AG AS1181 Datasheet HTML 65Page - ams-OSRAM AG AS1181 Datasheet HTML 66Page - ams-OSRAM AG AS1181 Datasheet HTML 67Page - ams-OSRAM AG AS1181 Datasheet HTML 68Page - ams-OSRAM AG AS1181 Datasheet HTML 69Page - ams-OSRAM AG AS1181 Datasheet HTML 70Page - ams-OSRAM AG AS1181 Datasheet HTML 71Page - ams-OSRAM AG AS1181 Datasheet HTML 72Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
68 / 92
/
8.3.25
PWM_CTR register (Address 0x1A32)
Table 37: PWM_CTR register (Write Access when config_mode ==1)
Addr: 0x1A32
PWM_CTR
Bit
Bit field
Default
Access
Bit description
0
pwm_illum_enable
OTP
RW
LED illumination duration is controlled by STROBE_PWM1
input used as PWM source.
Note:
If enabled td_illum shows sampled illumination duration safety
trigger signal test is forced to be disabled if this bit is high
safety illumination max test is forced to be disabled if
STROBE input is high for more than 32768 µs if this bit is high
7:4
pwm_grp_split
OTP
RW
Enable ID2_PWM2 as the secondary input and select for
PWM into two groups.
Note:
If set > 0, indicates channel number starting from which
illumination is controlled by ID2 input i.e., if set to 4, channels
0-3 illumination duration is controlled by STROBE input,
channels 4-7 is controlled by ID2/STROBE_AUX input if set to
0, all channels illumination duration is controlled by STROBE
input.
9:8
pwm_trig
OTP
RW
Trigger control for the mode with ID2 as auxiliary strobe input
defines how illumination sequence for both main (STROBE)
and auxiliary (ID2) channels group is triggered.
0: – Default, STROBE or ID2, illumination is triggered by the
first coming edge either ID2 or STROBE signal
1: – STROBE and ID2, illumination is triggered in the moment
both STROBE and ID2 become high
2: – STROBE only, illumination for both groups is triggered
only by the STROBE signal rising edge
3: – ID2 only, illumination for both groups is triggered only by
the ID2 signal rising edge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com