Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 67 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 67 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 63Page - ams-OSRAM AG AS1181 Datasheet HTML 64Page - ams-OSRAM AG AS1181 Datasheet HTML 65Page - ams-OSRAM AG AS1181 Datasheet HTML 66Page - ams-OSRAM AG AS1181 Datasheet HTML 67Page - ams-OSRAM AG AS1181 Datasheet HTML 68Page - ams-OSRAM AG AS1181 Datasheet HTML 69Page - ams-OSRAM AG AS1181 Datasheet HTML 70Page - ams-OSRAM AG AS1181 Datasheet HTML 71Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
67 / 92
/
8.3.24
HSCS_SEL register (Address 0x1A30)
Table 36: HSCS_SEL register (Write Access when config_mode ==1)
Addr: 0x1A30
HSCS_SEL
Bit
Bit field
Default
Access
Bit description
3:0
hs_currs_nr_chan
OTP
RW
Range setting for High-side current sensing
0
Do not use
1
Sensing range 1: <100mA
2
Sensing range 2: 100mA to 300mA
3
Sensing range 3: 300mA to 400mA
4
Sensing range 4: 400mA to 600mA
5
Sensing range 5: 500mA to 700mA
6
Sensing range 6: 500mA to 900mA
7
Sensing range 7: 600mA to 1000mA
8
Sensing range 8: 700mA to 1000mA
9
Sensing range 9: 800mA to 1000mA
10
Sensing range 10: 900mA to 1000mA
5:4
Hs_currs_lp_pullup
OTP
RW
Select LP pull-up current to compensate for parasitic
capacitance of LEDs in transition to illum.
0
Default LP pull-up current (~150µA)
1
LP pull-up current = 2x of default value
2
LP pull-up current = 3x of default value
3
LP pull-up current = 4x of default value
15:8
hs_set_iref
OTP
RW
Reference current in 1µA Steps (do not use numbers below
12µA)
0
0
No reference Current --> This
setting always Trigger Fault when
high-side current sensing enabled
1 to 11
1µA to 11µA
Do not use
12
12µA
For sensing ~50mA
50
50µA
For sensing 200mA select this
setting
100
100µA
For sensing 400mA select this
setting
195
195µA
For sensing 780mA select this
setting
250
250µA
For sensing 1A select this setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com