Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 9 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 9 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 5Page - ams-OSRAM AG AS1181 Datasheet HTML 6Page - ams-OSRAM AG AS1181 Datasheet HTML 7Page - ams-OSRAM AG AS1181 Datasheet HTML 8Page - ams-OSRAM AG AS1181 Datasheet HTML 9Page - ams-OSRAM AG AS1181 Datasheet HTML 10Page - ams-OSRAM AG AS1181 Datasheet HTML 11Page - ams-OSRAM AG AS1181 Datasheet HTML 12Page - ams-OSRAM AG AS1181 Datasheet HTML 13Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 92 page
background image
AS1181
Pin assignment
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
9 / 92
/
3.2
Pin description
Table 2: Pin description of AS1181
Pin
number
Pin name
Pin
type(1)
Description
A1
LP
AIO
Anode LED connection (High Side Current Monitor Output)
A3
VSS_EE
PWR
Connect to ground
A5
SCL
DI
I²C /I3C clock
A7
ID2_PWM2
DI
PWM2 input
A9
IRQ_N
DO
Interrupt output
A11
STROBE1_PWM1
DI
STROBE input or / PWM1 input
B2
VBURN
PWR
HDOTP burn supply / Connect to VLED in normal application
B4
VBUS
PWR
Digital supply voltage / interface voltage. For 1.8V connect to VP18.
B6
SDA
DIO
I²C / I3C data
B8
ID0
DIO
I²C address pin / GPIO
B10
DVSS
PWR
Connect to ground
C1
VLED
PWR
LED supply voltage
C3
EN
DIO
Enable input pin
C5
TEST
DIO
Test enable pin / connect to ground
C7
PVSS
PWR
Power ground / connect to ground
C9
ID1
DIO
I²C address pin / GPIO
C11
AVSS
PWR
Analog ground / connect to ground
D2
LN7
AIO
Current sink input 7 (LED cathode)
D4
LN5
AIO
Current sink input 5 (LED cathode)
D6
LN3
AIO
Current sink input 3 (LED cathode)
D8
LN1
AIO
Current sink input 1 (LED cathode)
D10
VP18
PWR
LDO output. Connect 2.2µF capacitor close to pin VP18.
Can be used to power external circuitry with maximum external load of 50mA.
E1
PVSS
PWR
Power ground / connect to ground
E3
LN6
AIO
Current sink input 6 (LED cathode)
E5
LN4
AIO
Current sink input 4 (LED cathode)
E7
LN2
AIO
Current sink input 2 (LED cathode)
E9
LN0
AIO
Current sink input 0 (LED cathode)
E11
VP2
PWR
LDO Input. Connect 2.2µF capacitor close to pin VP2.
(1) PWR
Power Pin
AIO
Analog Input & Output
DIO
Digital Input & Output
DI
Digital Input
DO
Digital Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com