Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 72 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 72 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 68Page - ams-OSRAM AG AS1181 Datasheet HTML 69Page - ams-OSRAM AG AS1181 Datasheet HTML 70Page - ams-OSRAM AG AS1181 Datasheet HTML 71Page - ams-OSRAM AG AS1181 Datasheet HTML 72Page - ams-OSRAM AG AS1181 Datasheet HTML 73Page - ams-OSRAM AG AS1181 Datasheet HTML 74Page - ams-OSRAM AG AS1181 Datasheet HTML 75Page - ams-OSRAM AG AS1181 Datasheet HTML 76Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 92 page
background image
AS1181
Register description
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
72 / 92
/
8.3.30
IRQ_ENABLE2 register (Address 0x1A3C)
Table 42: IRQ_ENABLE2 register (Write Access when config_mode ==1)
Addr: 0x1A3C
IRQ_ENABLE2
Bit
Bit field
Default
Access
Bit description
6:0
irq_enable[38:32]
OTP
RW
Bit n: Interrupt is enabled when bit is set, otherwise
disabled
0
vled_monitor_error
VLED monitor BIST fail
1
vp18_monitor_error
VP18 monitor BIST fail
2
temp_detect_error
Temperature detector BIST fail
3
adc_bist_error
ADC BIST fail
4
ls_overcurrent
Driver gate low -> low side
overcurrent
5
driver_gate_short
Driver gate short
6
ldo_overcurrent
LDO overcurrent
8.3.31
TST_INTERVAL register (Address 0x1A40)
Table 43: TST_INTERVAL register (Read and Write Access when config_mode==1)
Addr: 0x1A40
TST_INTERVAL
Bit
Bit field
Default
Access
Bit description
11:0
pertest_interval[11:0]
OTP
RW
periodic test time repetition rate, range: 0.25s to 4s
0x000 = no periodic test / periodic test disabled
0x001 = do not use
…….
0x0FA = 0.25s
0x3FF = 1sec
0xFFF = 4sec
Note: If value is 0 during Boot, a changed value will be
applied after first illumination. If value is different than
"0" a changed value will be applied after timer elapsed.
Do not use configurations <0.25s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com