Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS1181 Datasheet(PDF) 10 Page - ams-OSRAM AG

Part # AS1181
Description  8-channel LED/VCSEL driver with enhanced safety features
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSOSRAM [ams-OSRAM AG]
Direct Link  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS1181 Datasheet(HTML) 10 Page - ams-OSRAM AG

Back Button AS1181 Datasheet HTML 6Page - ams-OSRAM AG AS1181 Datasheet HTML 7Page - ams-OSRAM AG AS1181 Datasheet HTML 8Page - ams-OSRAM AG AS1181 Datasheet HTML 9Page - ams-OSRAM AG AS1181 Datasheet HTML 10Page - ams-OSRAM AG AS1181 Datasheet HTML 11Page - ams-OSRAM AG AS1181 Datasheet HTML 12Page - ams-OSRAM AG AS1181 Datasheet HTML 13Page - ams-OSRAM AG AS1181 Datasheet HTML 14Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 92 page
background image
AS1181
Absolute maximum ratings
Datasheet • PUBLIC • Document Feedback
DS001139 • v3-00 • 2026-Apr-01
10 / 92
/
4
Absolute maximum ratings
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. These are stress ratings only. Functional operation of the device at
these or any other conditions beyond those indicated under “Operating Conditions” is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 3: Absolute maximum ratings of AS1181
Symbol
Parameter
Min
Max
Unit
Comments
Electrical parameters
VLED
LED supply voltage to ground
-0.3
5.5
V
Referenced to GND
VP2
LDO supply voltage input
-0.3
5.5
V
Referenced to GND
VBURN
VBURN voltage to ground
-0.3
6.5
V
Referenced to GND
ISCR
Input current (latch-up immunity)
± 100
mA
JEDEC JESD78E
Electrostatic discharge
ESDHBM
Electrostatic discharge HBM
± 2000
V
JS-001-2017
ESDCDM
Electrostatic discharge CDM
± 500
V
JS-002-2018
Temperature ranges and storage conditions
TA
Ambient temperature
-20
125
°C
TSTRG
Storage temperature range
-40
85
°C
TBODY
Package body temperature
260
°C
IPC/JEDEC J-STD-020(1)
RHNC
Relative humidity (non-condensing)
5
85
%
MSL
Moisture sensitivity level
1
Floor lifetime unlimited
(1) The reflow peak soldering temperature (body temperature) is specified according to IPC/JEDEC J-STD-020 “Moisture/Reflow
Sensitivity Classification for Non-hermetic Solid State Surface Mount Devices.” The lead finish for Pb-free leaded packages is
“Matte Tin” (100 % Sn).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com