Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 62 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 62 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 58Page - STMicroelectronics PSD934215MIT Datasheet HTML 59Page - STMicroelectronics PSD934215MIT Datasheet HTML 60Page - STMicroelectronics PSD934215MIT Datasheet HTML 61Page - STMicroelectronics PSD934215MIT Datasheet HTML 62Page - STMicroelectronics PSD934215MIT Datasheet HTML 63Page - STMicroelectronics PSD934215MIT Datasheet HTML 64Page - STMicroelectronics PSD934215MIT Datasheet HTML 65Page - STMicroelectronics PSD934215MIT Datasheet HTML 66Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 89 page
background image
PSD834F2V
62/89
is in Read mode (primary and secondary Flash
memory contents can be read). TSTAT is Low
when Flash memory Program or Erase cycles are
in progress, and also when data is being written to
the secondary Flash memory.
TSTAT and TERR can be configured as open-
drain type signals during an “ISC_ENABLE” com-
mand. This facilitates a wired-OR connection of
TSTAT signals from multiple PSD devices and a
wired-OR connection of TERR signals from those
same devices. This is useful when several PSD
devices are “chained” together in a JTAG environ-
ment.
Security and Flash memory Protection
When the security bit is set, the device cannot be
read on a Device Programmer or through the
JTAG Port. When using the JTAG Port, only a Full
Chip Erase command is allowed.
All other Program, Erase and Verify commands
are blocked. Full Chip Erase returns the part to a
non-secured blank state. The Security Bit can be
set in PSDsoft Express Configuration.
All primary and secondary Flash memory sectors
can individually be sector protected against era-
sures. The sector protect bits can be set in PSD-
soft Express Configuration.
INITIAL DELIVERY STATE
When delivered from ST, the PSD device has all
bits in the memory and PLDs set to 1. The PSD
Configuration Register bits are set to 0. The code,
configuration, and PLD logic are loaded using the
programming procedure. Information for program-
ming the device is available directly from ST.
Please contact your local sales representative.
Table 34. JTAG Enable Register
Note: 1. The state of Reset (Reset) does not interrupt (or prevent) JTAG operations if the JTAG signals are dedicated by an NVM Configu-
ration bit (via PSDsoft Express). However, Reset (Reset) prevents or interrupts JTAG operations if the JTAG enable register is used
to enable the JTAG signals.
Bit 0
JTAG_Enable
0 = off JTAG port is disabled.
1 = on JTAG port is enabled.
Bit 1
X
0
Not used, and should be set to zero.
Bit 2
X
0
Not used, and should be set to zero.
Bit 3
X
0
Not used, and should be set to zero.
Bit 4
X
0
Not used, and should be set to zero.
Bit 5
X
0
Not used, and should be set to zero.
Bit 6
X
0
Not used, and should be set to zero.
Bit 7
X
0
Not used, and should be set to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com