Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 16 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 16 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 12Page - STMicroelectronics PSD934215MIT Datasheet HTML 13Page - STMicroelectronics PSD934215MIT Datasheet HTML 14Page - STMicroelectronics PSD934215MIT Datasheet HTML 15Page - STMicroelectronics PSD934215MIT Datasheet HTML 16Page - STMicroelectronics PSD934215MIT Datasheet HTML 17Page - STMicroelectronics PSD934215MIT Datasheet HTML 18Page - STMicroelectronics PSD934215MIT Datasheet HTML 19Page - STMicroelectronics PSD934215MIT Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
PSD834F2V
16/89
Table 7. Instructions
Note: 1. All bus cycles are write bus cycles, except the ones with the “Read” label
2. All values are in hexadecimal:
X = Don’t Care. Addresses of the form XXXXh, in this table, must be even addresses
RA = Address of the memory location to be read
RD = Data read from location RA during the Read cycle
PA = Address of the memory location to be programmed. Addresses are latched on the falling edge of Write Strobe (WR, CNTL0).
PA is an even address for PSD in word programming mode.
PD = Data word to be programmed at location PA. Data is latched on the rising edge of Write Strobe (WR , CNTL0)
SA = Address of the sector to be erased or verified. The Sector Select (FS0-FS7 or CSBOOT0-CSBOOT3) of the sector to be
erased, or verified, must be Active (High).
3. Sector Select (FS0 to FS7 or CSBOOT0 to CSBOOT3) signals are active High, and are defined in PSDsoft Express.
4. Only address bits A11-A0 are used in instruction decoding.
5. No Unlock or instruction cycles are required when the device is in the Read mode
6. The Reset instruction is required to return to the Read mode after reading the Flash ID, or after reading the Sector Protection Status,
or if the Error Flag (DQ5/DQ13) bit goes High.
7. Additional sectors to be erased must be written at the end of the Sector Erase instruction within 80 µs.
8. The data is 00h for an unprotected sector, and 01h for a protected sector. In the fourth cycle, the Sector Select is active, and
(A1,A0)=(1,0)
9. The Unlock Bypass instruction is required prior to the Unlock Bypass Program instruction.
10. The Unlock Bypass Reset Flash instruction is required to return to reading memory data when the device is in the Unlock Bypass
mode.
11. The system may perform Read and Program cycles in non-erasing sectors, read the Flash ID or read the Sector Protection Status
when in the Suspend Sector Erase mode. The Suspend Sector Erase instruction is valid only during a Sector Erase cycle.
12. The Resume Sector Erase instruction is valid only during the Suspend Sector Erase mode.
13. The MCU cannot invoke these instructions while executing code from the same Flash memory as that for which the instruction is
intended. The MCU must fetch, for example, the code from the secondary Flash memory when reading the Sector Protection Status
of the primary Flash memory.
Instruction
FS0-FS7 or
CSBOOT0-
CSBOOT3
Cycle 1
Cycle 2
Cycle 3
Cycle 4
Cycle 5
Cycle 6
Cycle 7
Read5
1
“Read”
RD @ RA
Read Main
Flash ID6
1
AAh@
X555h
55h@
XAAAh
90h@
X555h
Read identifier
(A6,A1,A0 = 0,0,1)
Read Sector
Protection6,8,13
1
AAh@
X555h
55h@
XAAAh
90h@
X555h
Read identifier
(A6,A1,A0 = 0,1,0)
Program a
Flash Byte13
1
AAh@
X555h
55h@
XAAAh
A0h@
X555h
PD@ PA
Flash Sector
Erase7,13
1
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@ XAAAh
55h@
XAAAh
30h@
SA
30h7@
next SA
Flash Bulk
Erase13
1
AAh@
X555h
55h@
XAAAh
80h@
X555h
AAh@ XAAAh
55h@
XAAAh
10h@
X555h
Suspend
Sector Erase11
1
B0h@
XXXXh
Resume
Sector Erase12
1
30h@
XXXXh
Reset6
1
F0h@
XXXXh
Unlock Bypass
1
AAh@
X555h
55h@
XAAAh
20h@
X555h
Unlock Bypass
Program9
1
A0h@
XXXXh
PD@ PA
Unlock Bypass
Reset10
1
90h@
XXXXh
00h@
XXXXh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com