Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 48 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 48 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 44Page - STMicroelectronics PSD934215MIT Datasheet HTML 45Page - STMicroelectronics PSD934215MIT Datasheet HTML 46Page - STMicroelectronics PSD934215MIT Datasheet HTML 47Page - STMicroelectronics PSD934215MIT Datasheet HTML 48Page - STMicroelectronics PSD934215MIT Datasheet HTML 49Page - STMicroelectronics PSD934215MIT Datasheet HTML 50Page - STMicroelectronics PSD934215MIT Datasheet HTML 51Page - STMicroelectronics PSD934215MIT Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 89 page
background image
PSD834F2V
48/89
For non-multiplexed 8-bit bus mode, address sig-
nals (A7-A0) are available to Port B in Address Out
Mode.
Note: Do not drive address signals with Address
Out Mode to an external memory device if it is in-
tended for the MCU to Boot from the external de-
vice. The MCU must first Boot from PSD memory
so the Direction and Control register bits can be
set.
Address In Mode
For MCUs that have more than 16 address sig-
nals, the higher addresses can be connected to
Port A, B, C, and D. The address input can be
latched in the Input Macrocell (IMC) by Address
Strobe (ALE/AS, PD0). Any input that is included
in the DPLD equations for the SRAM, or primary or
secondary Flash memory is considered to be an
address input.
Data Port Mode
Port A can be used as a data bus port for a MCU
with a non-multiplexed address/data bus. The
Data Port is connected to the data bus of the MCU.
The general I/O functions are disabled in Port A if
the port is configured as a Data Port.
Peripheral I/O Mode
Peripheral I/O mode can be used to interface with
external peripherals. In this mode, all of Port A
serves as a tri-state, bi-directional data buffer for
the MCU. Peripheral I/O Mode is enabled by set-
ting Bit 7 of the VM Register to a 1. Figure 24
shows how Port A acts as a bi-directional buffer for
the MCU data bus if Peripheral I/O Mode is en-
abled. An equation for PSEL0 and/or PSEL1 must
be written in PSDabel. The buffer is tri-stated
when PSEL0 or PSEL1 is not active.
JTAG In-System Programming (ISP)
Port C is JTAG compliant, and can be used for In-
System Programming (ISP). You can multiplex
JTAG operations with other functions on Port C
because In-System Programming (ISP) is not per-
formed in normal Operating mode. For more infor-
mation on the JTAG Port, see the section entitled
“Programming In-Circuit using the JTAG Serial In-
terface”, on page 61.
Port Configuration Registers (PCR)
Each Port has a set of Port Configuration Regis-
ters (PCR) used for configuration. The contents of
the registers can be accessed by the MCU through
normal read/write bus cycles at the addresses giv-
en in Table 6. The addresses in Table 6 are the off-
sets in hexadecimal from the base of the CSIOP
register.
The pins of a port are individually configurable and
each bit in the register controls its respective pin.
For example, Bit 0 in a register refers to Bit 0 of its
port. The three Port Configuration Registers
(PCR), shown in Table 21, are used for setting the
Port configurations. The default Power-up state for
each register in Table 21 is 00h.
Table 21. Port Configuration Registers (PCR)
Note: 1. See Table 25 for Drive Register bit definition.
Control Register. Any bit reset to 0 in the Control
Register sets the corresponding port pin to MCU I/
O Mode, and a 1 sets it to Address Out Mode. The
default mode is MCU I/O. Only Ports A and B have
an associated Control Register.
Figure 24. Peripheral I/O Mode
Register Name
Port
MCU Access
Control
A,B
Write/Read
Direction
A,B,C,D
Write/Read
Drive Select1
A,B,C,D
Write/Read
RD
PSEL0
PSEL1
PSEL
VM REGISTER BIT 7
WR
PA0 - PA7
D0-D7
DATA BUS
AI02886



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com