Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 87 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 87 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 81Page - STMicroelectronics PSD934215MIT Datasheet HTML 82Page - STMicroelectronics PSD934215MIT Datasheet HTML 83Page - STMicroelectronics PSD934215MIT Datasheet HTML 84Page - STMicroelectronics PSD934215MIT Datasheet HTML 85Page - STMicroelectronics PSD934215MIT Datasheet HTML 86Page - STMicroelectronics PSD934215MIT Datasheet HTML 87Page - STMicroelectronics PSD934215MIT Datasheet HTML 88Page - STMicroelectronics PSD934215MIT Datasheet HTML 89Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 87 / 89 page
background image
87/89
PSD834F2V
PART NUMBERING
Table 58. Ordering Information Scheme
Note: 1. The 5V±10% devices are not covered by this data sheet, but by the PSD834F2 data sheet.
For a list of available options (speed, package,
etc.) or for further information on any aspect of this
device, please contact your nearest ST Sales Of-
fice.
Example:
PSD8 3
4
F
2
V
–10 J
I
T
Device Type
PSD8 = 8-bit PSD with register logic
PSD9 = 8-bit PSD with combinatorial logic
SRAM Capacity
3 = 64 Kbit
Flash Memory Capacity
4 = 2 Mbit (256K x 8)
2nd Flash Memory
2 = 256 Kbit (32K x 8) Flash memory
Operating Voltage
blank1 = VCC = 4.5 to 5.5V
V = VCC = 3.0 to 3.6V
Speed
10 = 100 ns
15 = 150 ns
20 = 200 ns
Package
J = PLCC52
M = PQFP52
Temperature Range
blank = 0 to 70 °C (commercial)
I = –40 to 85 °C (industrial)
Option
T = Tape & Reel Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com