Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 31 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 31 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 27Page - STMicroelectronics PSD934215MIT Datasheet HTML 28Page - STMicroelectronics PSD934215MIT Datasheet HTML 29Page - STMicroelectronics PSD934215MIT Datasheet HTML 30Page - STMicroelectronics PSD934215MIT Datasheet HTML 31Page - STMicroelectronics PSD934215MIT Datasheet HTML 32Page - STMicroelectronics PSD934215MIT Datasheet HTML 33Page - STMicroelectronics PSD934215MIT Datasheet HTML 34Page - STMicroelectronics PSD934215MIT Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 89 page
background image
31/89
PSD834F2V
Output Macrocell (OMC)
Eight of the Output Macrocells (OMC) are con-
nected to Ports A and B pins and are named as
McellAB0-McellAB7. The other eight macrocells
are connected to Ports B and C pins and are
named as McellBC0-McellBC7. If an McellAB out-
put is not assigned to a specific pin in PSDabel,
the Macrocell Allocator block assigns it to either
Port A or B. The same is true for a McellBC output
on Port B or C. Table 13 shows the macrocells and
port assignment.
The Output Macrocell (OMC) architecture is
shown in Figure 13. As shown in the figure, there
are native product terms available from the AND
Array, and borrowed product terms available (if
unused) from other Output Macrocells (OMC). The
polarity of the product term is controlled by the
XOR gate. The Output Macrocell (OMC) can im-
plement either sequential logic, using the flip-flop
element, or combinatorial logic. The multiplexer
selects between the sequential or combinatorial
logic outputs. The multiplexer output can drive a
port pin and has a feedback path to the AND Array
inputs.
The flip-flop in the Output Macrocell (OMC) block
can be configured as a D, T, JK, or SR type in the
PSDabel program. The flip-flop’s clock, preset,
and clear inputs may be driven from a product
term of the AND Array. Alternatively, CLKIN (PD1)
can be used for the clock input to the flip-flop. The
flip-flop is clocked on the rising edge of CLKIN
(PD1). The preset and clear are active High inputs.
Each clear input can use up to two product terms.
Table 13. Output Macrocell Port and Data Bit Assignments
Output
Macrocell
Port
Assignment
Native Product Terms
Maximum Borrowed
Product Terms
Data Bit for Loading or
Reading
McellAB0
Port A0, B0
3
6
D0
McellAB1
Port A1, B1
3
6
D1
McellAB2
Port A2, B2
3
6
D2
McellAB3
Port A3, B3
3
6
D3
McellAB4
Port A4, B4
3
6
D4
McellAB5
Port A5, B5
3
6
D5
McellAB6
Port A6, B6
3
6
D6
McellAB7
Port A7, B7
3
6
D7
McellBC0
Port B0, C0
4
5
D0
McellBC1
Port B1, C1
4
5
D1
McellBC2
Port B2, C2
4
5
D2
McellBC3
Port B3, C3
4
5
D3
McellBC4
Port B4, C4
4
6
D4
McellBC5
Port B5, C5
4
6
D5
McellBC6
Port B6, C6
4
6
D6
McellBC7
Port B7, C7
4
6
D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com