Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 67 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 67 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 63Page - STMicroelectronics PSD934215MIT Datasheet HTML 64Page - STMicroelectronics PSD934215MIT Datasheet HTML 65Page - STMicroelectronics PSD934215MIT Datasheet HTML 66Page - STMicroelectronics PSD934215MIT Datasheet HTML 67Page - STMicroelectronics PSD934215MIT Datasheet HTML 68Page - STMicroelectronics PSD934215MIT Datasheet HTML 69Page - STMicroelectronics PSD934215MIT Datasheet HTML 70Page - STMicroelectronics PSD934215MIT Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 89 page
background image
67/89
PSD834F2V
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, and the DC and AC charac-
teristics of the device. The parameters in the DC
and AC Characteristic tables that follow are de-
rived from tests performed under the Measure-
ment Conditions summarized in the relevant
tables. Designers should check that the operating
conditions in their circuit match the measurement
conditions when relying on the quoted parame-
ters.
Table 38. Operating Conditions
Table 39. AC Measurement Conditions
Note: 1. Output Hi-Z is defined as the point where data out is no longer driven.
Figure 33. AC Measurement I/O Waveform
Figure 34. AC Measurement Load Circuit
Table 40. Capacitance
Note: 1. Sampled only, not 100% tested.
2. Typical values are for TA = 25°C and nominal supply voltages.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
3.0
3.6
V
TA
Ambient Operating Temperature (industrial)
–40
85
°C
Ambient Operating Temperature (commercial)
0
70
°C
Symbol
Parameter
Min.
Max.
Unit
CL
Load Capacitance
30
pF
3.0V
0V
Test Point
1.5V
AI03103b
Device
Under Test
2.01 V
195
Ω
C
L = 30 pF
(Including Scope and
Jig Capacitance)
AI03104b
Symbol
Parameter
Test Condition
Typ.2
Max.
Unit
CIN
Input Capacitance (for input pins)
VIN = 0V
46
pF
COUT
Output Capacitance (for input/
output pins)
VOUT = 0V
812
pF
CVPP
Capacitance (for CNTL2/VPP)VPP = 0V
18
25
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com