Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 8 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 4Page - STMicroelectronics PSD934215MIT Datasheet HTML 5Page - STMicroelectronics PSD934215MIT Datasheet HTML 6Page - STMicroelectronics PSD934215MIT Datasheet HTML 7Page - STMicroelectronics PSD934215MIT Datasheet HTML 8Page - STMicroelectronics PSD934215MIT Datasheet HTML 9Page - STMicroelectronics PSD934215MIT Datasheet HTML 10Page - STMicroelectronics PSD934215MIT Datasheet HTML 11Page - STMicroelectronics PSD934215MIT Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 89 page
background image
PSD834F2V
8/89
PSD ARCHITECTURAL OVERVIEW
PSD devices contain several major functional
blocks. Figure 2 shows the architecture of the PSD
device family. The functions of each block are de-
scribed briefly in the following sections. Many of
the blocks perform multiple functions and are user
configurable.
Memory
Each of the memory blocks is briefly discussed in
the following paragraphs. A more detailed discus-
sion can be found in the section entitled “Memory
Blocks“ on page 15.
The 2 Mbit (256K x 8) Flash memory is the primary
memory of the PSD. It is divided into 8 equally-
sized sectors that are individually selectable.
The 256 Kbit (32K x 8) secondary Flash memory
is divided into 4 equally-sized sectors. Each sector
is individually selectable.
The 64 Kbit SRAM is intended for use as a
scratch-pad memory or as an extension to the
MCU SRAM. If an external battery is connected to
Voltage Stand-by (VSTBY, PC2), data is retained
in the event of power failure.
Each sector of memory can be located in a differ-
ent address space as defined by the user. The ac-
cess times for all memory types includes the
address latching and DPLD decoding time.
Page Register
The 8-bit Page Register expands the address
range of the MCU by up to 256 times. The paged
address can be used as part of the address space
to access external memory and peripherals, or in-
ternal memory and I/O. The Page Register can
also be used to change the address mapping of
sectors of the Flash memories into different mem-
ory spaces for IAP.
PLDs
The device contains two PLDs, the Decode PLD
(DPLD) and the Complex PLD (CPLD), as shown
in Table 1, each optimized for a different function.
The functional partitioning of the PLDs reduces
power consumption, optimizes cost/performance,
and eases design entry.
Table 1. PLD I/O
The DPLD is used to decode addresses and to
generate Sector Select signals for the PSD inter-
nal memory and registers. The DPLD has combi-
natorial outputs. The CPLD has 16 Output
Macrocells (OMC) and 3 combinatorial outputs.
The PSD also has 24 Input Macrocells (IMC) that
can be configured as inputs to the PLDs. The
PLDs receive their inputs from the PLD Input Bus
and are differentiated by their output destinations,
number of product terms, and macrocells.
The PLDs consume minimal power. The speed
and power consumption of the PLD is controlled
by the Turbo bit in PMMR0 and other bits in the
PMMR2. These registers are set by the MCU at
run-time. There is a slight penalty to PLD propaga-
tion time when invoking the power management
features.
I/O Ports
The PSD has 27 individually configurable I/O pins
distributed over the four ports (Port A, B, C, and
D). Each I/O pin can be individually configured for
different functions. Ports can be configured as
standard MCU I/O ports, PLD I/O, or latched ad-
dress outputs for MCUs using multiplexed ad-
dress/data buses.
The JTAG pins can be enabled on Port C for In-
System Programming (ISP).
Ports A and B can also be configured as a data
port for a non-multiplexed bus.
MCU Bus Interface
PSD interfaces easily with most 8-bit MCUs that
have either multiplexed or non-multiplexed ad-
dress/data buses. The device is configured to re-
spond to the MCU’s control signals, which are also
used as inputs to the PLDs. For examples, please
see the section entitled “MCU Bus Interface Exam-
ples“ on page 39.
Table 2. JTAG SIgnals on Port C
JTAG Port
In-System Programming (ISP) can be performed
through the JTAG signals on Port C. This serial in-
terface allows complete programming of the entire
PSD device. A blank device can be completely
programmed. The JTAG signals (TMS, TCK,
TSTAT, TERR, TDI, TDO) can be multiplexed with
other functions on Port C. Table 2 indicates the
JTAG pin assignments.
Name
Inputs
Outputs
Product
Terms
Decode PLD (DPLD)
73
17
42
Complex PLD (CPLD)
73
19
140
Port C Pins
JTAG Signal
PC0
TMS
PC1
TCK
PC3
TSTAT
PC4
TERR
PC5
TDI
PC6
TDO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com