Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 78 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 78 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 74Page - STMicroelectronics PSD934215MIT Datasheet HTML 75Page - STMicroelectronics PSD934215MIT Datasheet HTML 76Page - STMicroelectronics PSD934215MIT Datasheet HTML 77Page - STMicroelectronics PSD934215MIT Datasheet HTML 78Page - STMicroelectronics PSD934215MIT Datasheet HTML 79Page - STMicroelectronics PSD934215MIT Datasheet HTML 80Page - STMicroelectronics PSD934215MIT Datasheet HTML 81Page - STMicroelectronics PSD934215MIT Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 89 page
background image
PSD834F2V
78/89
Table 50. Port A Peripheral Data Mode Read Timing
Table 51. Port A Peripheral Data Mode Write Timing
Note: 1. RD has the same timing as DS, LDS, UDS, and PSEN (in 8031 combined mode).
2. WR has the same timing as the E, LDS, UDS, WRL, and WRH signals.
3. Any input used to select Port A Data Peripheral mode.
4. Data is already stable on Port A.
5. Data stable on ADIO pins to data on Port A.
Symbol
Parameter
Conditions
-10
-15
-20
Turbo
Off
Unit
Min
Max
Min
Max
Min
Max
tAVQV–PA
Address Valid to Data Valid
(Note 3)
50
50
50
+ 20
ns
tSLQV–PA
CSI Valid to Data Valid
37
45
50
+ 20
ns
tRLQV–PA
RD to Data Valid
(Notes 1,4)
37
40
45
ns
RD to Data Valid 8031 Mode
45
45
50
ns
tDVQV–PA
Data In to Data Out Valid
38
40
45
ns
tQXRH–PA
RD Data Hold Time
0
0
0
ns
tRLRH–PA
RD Pulse Width
(Note 1)
36
36
46
ns
tRHQZ–PA
RD to Data High-Z
(Note 1)
36
40
45
ns
Symbol
Parameter
Conditions
-10
-15
-20
Unit
Min
Max
Min
Max
Min
Max
tWLQV–PA
WR to Data Propagation Delay
(Note 2)
42
45
55
ns
tDVQV–PA
Data to Port A Data Propagation Delay
(Note 5)
38
40
45
ns
tWHQZ–PA
WR Invalid to Port A Tri-state
(Note 2)
33
33
35
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com