Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 15 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 15 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 11Page - STMicroelectronics PSD934215MIT Datasheet HTML 12Page - STMicroelectronics PSD934215MIT Datasheet HTML 13Page - STMicroelectronics PSD934215MIT Datasheet HTML 14Page - STMicroelectronics PSD934215MIT Datasheet HTML 15Page - STMicroelectronics PSD934215MIT Datasheet HTML 16Page - STMicroelectronics PSD934215MIT Datasheet HTML 17Page - STMicroelectronics PSD934215MIT Datasheet HTML 18Page - STMicroelectronics PSD934215MIT Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 89 page
background image
15/89
PSD834F2V
DETAILED OPERATION
As shown in Figure 2, the PSD consists of six ma-
jor types of functional blocks:
s
Memory Blocks
s
PLD Blocks
s
MCU Bus Interface
s
I/O Ports
s
Power Management Unit (PMU)
s
JTAG Interface
The functions of each block are described in the
following sections. Many of the blocks perform
multiple functions, and are user configurable.
MEMORY BLOCKS
The PSD has the following memory blocks:
– Primary Flash memory
– Secondary Flash memory
–SRAM
The Memory Select signals for these blocks origi-
nate from the Decode PLD (DPLD) and are user-
defined in PSDsoft Express.
Primary Flash Memory and Secondary Flash
memory Description
The primary Flash memory is divided evenly into
eight equal sectors. The secondary Flash memory
is divided into four equal sectors. Each sector of
either memory block can be separately protected
from Program and Erase cycles.
Flash memory may be erased on a sector-by-sec-
tor basis. Flash sector erasure may be suspended
while data is read from other sectors of the block
and then resumed after reading.
During a Program or Erase cycle in Flash memory,
the status can be output on Ready/Busy (PC3).
This pin is set up using PSDsoft Express Configu-
ration.
Memory Block Select Signals
The DPLD generates the Select signals for all the
internal memory blocks (see the section entitled
“PLDs”, on page 27). Each of the eight sectors of
the primary Flash memory has a Select signal
(FS0-FS7) which can contain up to three product
terms. Each of the four sectors of the secondary
Flash memory has a Select signal (CSBOOT0-
CSBOOT3) which can contain up to three product
terms. Having three product terms for each Select
signal allows a given sector to be mapped in differ-
ent areas of system memory. When using a MCU
with separate Program and Data space, these
flexible Select signals allow dynamic re-mapping
of sectors from one memory space to the other.
Ready/Busy (PC3). This signal can be used to
output the Ready/Busy status of the PSD. The out-
put on Ready/Busy (PC3) is a 0 (Busy) when Flash
memory is being written to,
or when Flash memory
is being erased. The output is a 1 (Ready) when
no Write or Erase cycle is in progress.
Memory Operation. The primary Flash memory
and secondary Flash memory are addressed
through the MCU Bus Interface. The MCU can ac-
cess these memories in one of two ways:
s
The MCU can execute a typical bus Write or
Read
operation just as it would if accessing a
RAM or ROM device using standard bus cycles.
s
The MCU can execute a specific instruction that
consists of several Write and Read operations.
This involves writing specific data patterns to
special addresses within the Flash memory to
invoke an embedded algorithm. These
instructions are summarized in Table 7.
Typically, the MCU can read Flash memory using
Read operations, just as it would read a ROM de-
vice. However, Flash memory can only be altered
using specific Erase and Program instructions. For
example, the MCU cannot write a single byte di-
rectly to Flash memory as it would write a byte to
RAM. To program a byte into Flash memory, the
MCU must execute a Program instruction, then
test the status of the Program cycle. This status
test is achieved by a Read operation or polling
Ready/Busy (PC3).
Flash memory can also be read by using special
instructions to retrieve particular Flash device in-
formation (sector protect status and ID).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com