Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 80 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 80 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 76Page - STMicroelectronics PSD934215MIT Datasheet HTML 77Page - STMicroelectronics PSD934215MIT Datasheet HTML 78Page - STMicroelectronics PSD934215MIT Datasheet HTML 79Page - STMicroelectronics PSD934215MIT Datasheet HTML 80Page - STMicroelectronics PSD934215MIT Datasheet HTML 81Page - STMicroelectronics PSD934215MIT Datasheet HTML 82Page - STMicroelectronics PSD934215MIT Datasheet HTML 83Page - STMicroelectronics PSD934215MIT Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 89 page
background image
PSD834F2V
80/89
Table 52. Reset (Reset) Timing
Note: 1. Reset (RESET) does not reset Flash memory Program or Erase cycles.
2. Warm reset aborts Flash memory Program or Erase cycles, and puts the device in Read mode.
Table 53. VSTBYON Timing
Note: 1. VSTBYON timing is measured at VCC ramp rate of 2 ms.
Table 54. ISC Timing
Note: 1. For non-PLD Programming, Erase or in ISC by-pass mode.
2. For Program or Erase PLD only.
Symbol
Parameter
Conditions
Min
Max
Unit
tNLNH
RESET Active Low Time 1
300
ns
tNLNH–PO
Power On Reset Active Low Time
1
ms
tNLNH–A
Warm Reset 2
25
µs
tOPR
RESET High to Operational Device
300
ns
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tBVBH
VSTBY Detection to VSTBYON Output High
(Note 1)
20
µs
tBXBL
VSTBY Off Detection to VSTBYON Output
Low
(Note 1)
20
µs
Symbol
Parameter
Conditions
-10
-15
-20
Unit
Min
Max
Min
Max
Min
Max
tISCCF
Clock (TCK, PC1) Frequency (except for
PLD)
(Note 1)
12
10
9
MHz
tISCCH
Clock (TCK, PC1) High Time (except for
PLD)
(Note 1)
40
45
51
ns
tISCCL
Clock (TCK, PC1) Low Time (except for
PLD)
(Note 1)
40
45
51
ns
tISCCFP
Clock (TCK, PC1) Frequency (PLD only)
(Note 2)
222
MHz
tISCCHP
Clock (TCK, PC1) High Time (PLD only)
(Note 2)
240
240
240
ns
tISCCLP
Clock (TCK, PC1) Low Time (PLD only)
(Note 2)
240
240
240
ns
tISCPSU
ISC Port Set Up Time
12
13
15
ns
tISCPH
ISC Port Hold Up Time
5
5
5
ns
tISCPCO
ISC Port Clock to Output
30
36
40
ns
tISCPZV
ISC Port High-Impedance to Valid Output
30
36
40
ns
tISCPVZ
ISC Port Valid Output to
High-Impedance
30
36
40
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com