Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSD934215MIT Datasheet(PDF) 53 Page - STMicroelectronics

Part # PSD934215MIT
Description  Flash PSD, 3.3V Supply, for 8-bit MCUs 2 Mbit 256 Kbit Dual Flash Memories and 64 Kbit SRAM
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD934215MIT Datasheet(HTML) 53 Page - STMicroelectronics

Back Button PSD934215MIT Datasheet HTML 49Page - STMicroelectronics PSD934215MIT Datasheet HTML 50Page - STMicroelectronics PSD934215MIT Datasheet HTML 51Page - STMicroelectronics PSD934215MIT Datasheet HTML 52Page - STMicroelectronics PSD934215MIT Datasheet HTML 53Page - STMicroelectronics PSD934215MIT Datasheet HTML 54Page - STMicroelectronics PSD934215MIT Datasheet HTML 55Page - STMicroelectronics PSD934215MIT Datasheet HTML 56Page - STMicroelectronics PSD934215MIT Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 89 page
background image
53/89
PSD834F2V
Figure 27. Port D Structure
Port D – Functionality and Structure
Port D has three I/O pins. See Figure 27 and Fig-
ure 28. This port does not support Address Out
mode, and therefore no Control Register is re-
quired. Port D can be configured to perform one or
more of the following functions:
s
MCU I/O Mode
s
CPLD Output – External Chip Select (ECS0-
ECS2)
s
CPLD Input – direct input to the CPLD, no Input
Macrocells (IMC)
s
Slew rate – pins can be set up for fast slew rate
Port D pins can be configured in PSDsoft Express
as input pins for other dedicated functions:
s
Address Strobe (ALE/AS, PD0)
s
CLKIN (PD1) as input to the macrocells flip-
flops and APD counter
s
PSD Chip Select Input (CSI, PD2). Driving this
signal High disables the Flash memory, SRAM
and CSIOP.
External Chip Select
The CPLD also provides three External Chip Se-
lect (ECS0-ECS2) outputs on Port D pins that can
be used to select external devices. Each External
Chip Select (ECS0-ECS2) consists of one product
term that can be configured active High or Low.
The output enable of the pin is controlled by either
the output enable product term or the Direction
Register. (See Figure 28.)
DATA OUT
REG.
DQ
DQ
WR
WR
ECS[ 2: 0]
READ MUX
P
D
B
CPLD - INPUT
DIR REG.
DATA IN
ENABLE PRODUCT
TERM (.OE)
OUTPUT
SELECT
OUTPUT
MUX
PORT D PIN
DATA OUT
AI02889



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com